RTR-4
1.2 RTR RAM Pointer Structure
The RAM 16-bit pointers have a 6-bit index field and a
10-bit address field. The 6-bit index field allows for the
storage of up to 64 messages per subaddress. A message
consists of the 1553 command word and its associated data
words.
The 16-bit pointer for Transmit Last Command Mode Code
is located at memory location 3E0 (hex). The Transmit Last
Command Mode Code pointer buffers up to 63 command
words. An example of command word storage follows:
Example:
3E0 (hex)
Contents = FC00 (hex)
11 1111 00 0000 0000
Address Field = 000 (hex)
Index Field = 3F (hex)
First command word storage location (3E0=F801):
Address Field = 001 (hex)
Index Field = 3E (hex)
Sixty-third command word storage location (3E0=003F):
Address Field = 03F (hex)
Index Field = 00 (hex)
Sixty-fourth command word storage location (3E0=003F)
(previous command word overwritten):
Address Field = 03F (hex)
Index Field = 00 (hex)
The Transmit Last Command Mode Code has Address Field
boundary conditions for the location of command word
buffers. The host can allocate a maximum 63 sequential
locations following the Address Field starting address. For
proper operation, the Address Field must start on an I x 40
(hex) address boundary, where I is greater than or equal to
zero and less than or equal to 14. A list of valid Index and
Address Fields follows:
MESSAGE INDEX
MESSAGE DATA ADDRESSES
15 (MSB)
10
9
0 (LSB)
Message index: Defines the
maximum messages buffered for
the given subaddresses.
Message Data Address:
Indicates the starting memory address for incoming
message storage.
Figure 3. Message Pointer Structure
I
Valid Index Fields
Valid Address Fields
0
3F (hex) to 00 (hex)
000 (hex) to 03F (hex)
1
3F (hex) to 00 (hex)
040 (hex) to 07F (hex)
2
3F (hex) to 00 (hex)
080 (hex) to 0BF (hex)
3
3F (hex) to 00 (hex)
0C0 (hex) to 0FF (hex)
4
3F (hex) to 00 (hex)
100 (hex) to 13F (hex)
5
3F (hex) to 00 (hex)
140 (hex) to 17F (hex)
6
3F (hex) to 00 (hex)
180 (hex) to 1BF (hex)
7
3F (hex) to 00 (hex)
1C0 (hex) to 1FF (hex)
8
3F (hex) to 00 (hex)
200 (hex) to 23F (hex)
9
3F (hex) to 00 (hex)
240 (hex) to 27F (hex)
10 3F (hex) to 00 (hex)
280 (hex) to 2BF (hex)
11 3F (hex) to 00 (hex)
2C0 (hex) to 2FF (hex
12 3F (hex) to 00 (hex)
300 (hex) to 33F (hex)
13 3F (hex) to 00 (hex)
340 (hex) to 37F (hex)
14 3F (hex) to 00 (hex)
380 (hex) to 3BF (hex)