Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

655 Datasheet(PDF) 1 Page - Littelfuse

Part # 655
Description  MINIATURE FUSEHOLDERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

655 Datasheet(HTML) 1 Page - Littelfuse

  655 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050906
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
16
1
20,4
1
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 652
652
652
652
652
Specifications
Specifications
Specifications
Specifications
Specifications
Standard
Standard
Standard
Standard
Standard
IEC 60127-6
UL 512
CSA C22.2. No.39
Approvals
Approvals
Approvals
Approvals
Approvals
VDE: License No. 92599
SEMKO: Certificate Nos. 9533178/9635055
UL Recognized: File No. E 70164
CSA Certified: File No. 47574
Mounting
Mounting
Mounting
Mounting
Mounting
(2) Solder pins 0.5mm x 1.1mm
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (with Cap 653 07 & 655 07 acc. to IEC 60529)
IP 54 (with Cap 653 04 & 655 04 acc. to IEC 60529)
PC2 (IEC 60127-6)
Materials
Materials
Materials
Materials
Materials
Holder/Cap:
Black Thermoplastic
Polyamide PA 6.6, UL94 V-0
Sealing Washer: Silicon (Cap 653 04 & 655 04)
Metal Parts:
Copper alloy,
corrosion protected
Terminals:
Solderable, tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Rated Current:
6.3A (VDE/SEMKO)
16A (UL/CSA)
Rated Power:
2.5W (VDE/SEMKO)
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic T
Climatic T
Climatic T
Climatic T
Climatic Test
est
est
est
est
-25ºC/+70ºC/21 days (IEC 60068-2-1...3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
VVVVVibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5mΩ
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
> 1.5 kV
Impulse V
Impulse V
Impulse V
Impulse V
Impulse Voltage
oltage
oltage
oltage
oltage
4 kV, 50 Hz, 1 min., dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 VDC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235ºC, 3 sec. (Wave)
350ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 5 sec. (IEC 60068-2-20)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Marking
Marking
Marking
Marking
Marking
652, 250V, Approvals
Unit W
Unit W
Unit W
Unit W
Unit Weight
eight
eight
eight
eight
3.8g (Holder) / 2.0g (653) / 2.4g (655)
Order Information
Order Information
Order Information
Order Information
Order Information
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 pcs.)
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Holder
No. 652 0000 040
Cap, Flush Mount, IP 40 No. 653 0000 070
Cap, Flush Mount, IP 54 No. 653 0000 040
Cap, Finger Grip, IP 40 No. 655 0000 070
Cap, Finger Grip, IP 54 No. 655 0000 040
Cap / No. 653
653
653
653
653
Cap / No. 655
655
655
655
655
Vertical / 2-Pin
Vertical / 2-Pin
Vertical / 2-Pin
Vertical / 2-Pin
Vertical / 2-Pin
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
0,5
∅ 12,3
No. 653
10
Printed circuit board
Fuse carrier inserted
Finger Grip T
Finger Grip T
Finger Grip T
Finger Grip T
Finger Grip Type
ype
ype
ype
ype
Design 07:
Design 07:
Design 07:
Design 07:
Design 07: without silicon washer (IP 40)
without silicon washer (IP 40)
without silicon washer (IP 40)
without silicon washer (IP 40)
without silicon washer (IP 40)
Design 04:
Design 04:
Design 04:
Design 04:
Design 04: with silicon washer (IP 54)
with silicon washer (IP 54)
with silicon washer (IP 54)
with silicon washer (IP 54)
with silicon washer (IP 54)
between holder and cap
Not for new designs - refer to No. 852 and 853
Flush Mount T
Flush Mount T
Flush Mount T
Flush Mount T
Flush Mount Type
ype
ype
ype
ype
Design 07:
Design 07:
Design 07:
Design 07:
Design 07: without silicon washer (IP 40)
without silicon washer (IP 40)
without silicon washer (IP 40)
without silicon washer (IP 40)
without silicon washer (IP 40)
Design 04:
Design 04:
Design 04:
Design 04:
Design 04: with silicon washer (IP 54)
with silicon washer (IP 54)
with silicon washer (IP 54)
with silicon washer (IP 54)
with silicon washer (IP 54)
between holder and cap
10 + 0,1
Holes in the printed circuit board: 1,3 + 0,1
Specifications are subject
to change without notice


Similar Part No. - 655

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6550 ETC1-6550 Datasheet
3Mb / 8P
   AUDIO SEVRVICE APPLICATIONS
logo
DB Lectro Inc
6550-5151-DV DBLECTRO-6550-5151-DV Datasheet
67Kb / 1P
   650nm 5 mW Laser Diodes AUTO PACKAGE
6550-7241-AU-50 DBLECTRO-6550-7241-AU-50 Datasheet
78Kb / 1P
   650nm 5 mW Laser Diodes AUTO PACKAGE(REGROWTH)
6550-7241-BA DBLECTRO-6550-7241-BA Datasheet
114Kb / 1P
   650nm 5 mW Laser Diodes MANUAL PACKAGE
logo
Aries Electronics, Inc.
655000 ARIES-655000 Datasheet
746Kb / 1P
   Designed to allow user to cut 32-position adapter down to any size desired
More results

Similar Description - 655

ManufacturerPart #DatasheetDescription
logo
Littelfuse
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
   MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
   MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
   MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
   MINIATURE FUSEHOLDERS
268 LITTELFUSE-268 Datasheet
109Kb / 1P
   MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
   MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com