Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG839 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG839
Description  0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG839 Datasheet(HTML) 3 Page - Analog Devices

  ADG839 Datasheet HTML 1Page - Analog Devices ADG839 Datasheet HTML 2Page - Analog Devices ADG839 Datasheet HTML 3Page - Analog Devices ADG839 Datasheet HTML 4Page - Analog Devices ADG839 Datasheet HTML 5Page - Analog Devices ADG839 Datasheet HTML 6Page - Analog Devices ADG839 Datasheet HTML 7Page - Analog Devices ADG839 Datasheet HTML 8Page - Analog Devices ADG839 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG839
Rev. 0 | Page 3 of 16
SPECIFICATIONS1—2.7 V TO 3.6 V
VDD = 2.7 V to 3.6 V, GND = 0 V, unless otherwise noted.
Table 2.
−40°C to
−40°C to
Parameter
+25°C
+85°C
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
VDD = 2.7 V
On Resistance (RON)
0.35
Ω typ
VDD = 2.7 V, VS = 0 V to VDD, IS = 100 mA;
0.5
0.56
0.61
Ω max
Figure 19
On Resistance Match between
0.04
Ω typ
VDD = 2.7 V, VS = 0.9 V, IS = 100 mA
Channels (∆RON)
0.075
0.085
0.095
Ω max
On Resistance Flatness
0.055
Ω typ
VDD = 2.7 V, VS = 0 V to VDD,
(RFLAT (ON))
0.07
0.082
0.09
Ω max
IS = 100 mA
LEAKAGE CURRENTS
VDD = 3.6 V
Source Off Leakage IS (OFF)
±0.2
nA typ
VS = 0.6 V/3.3 V, VD = 3.3 V/0.6 V; Figure 20
Channel On Leakage ID, IS (ON)
±0.2
nA typ
VS = VD = 0.6 V or 3.3 V; Figure 21
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
3.2
pF typ
DYNAMIC CHARACTERISTICS2
tON
12
ns typ
RL = 50 Ω, CL = 35 pF
16
18
19
ns max
VS = 1.5 V/0 V; Figure 22
tOFF
6.5
ns typ
RL = 50 Ω, CL = 35 pF
8.5
9
9.5
ns max
VS = 1.5 V; Figure 22
Break-Before-Make Time Delay
5
ns typ
RL = 50 Ω, CL = 35 pF; Figure 23
(tBBM)
1
ns min
VS1 = VS2 = 1.5 V;
Charge Injection
70
pC typ
VS = 1.5 V, RS = 0 Ω, CL = 1 nF; Figure 24
Off Isolation
−57
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz; Figure 25
Channel-to-Channel Crosstalk
−57
dB typ
S1 −S2;
RL = 50 Ω, CL = 5 pF, f = 100 kHz; Figure 26
Total Harmonic Distortion
(THD + N)
0.013
%
RL = 32 Ω, f = 20 Hz to 20 kHz, VS = 3 V p-p
Insertion Loss
−0.01
dB typ
RL = 50 Ω, CL = 5 pF; Figure 27
−3 dB Bandwidth
25
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 27
CS (OFF)
74
pF typ
CD, CS (ON)
120
pF typ
VDD = 3.6 V
POWER REQUIREMENTS
Digital inputs = 0 V or 3.6 V
IDD
0.003
µA typ
1
4
µA max
1 Temperature range for the Y version is −40°C to +125°C.
2 Guaranteed by design; not subject to production test.


Similar Part No. - ADG839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836 AD-ADG836 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836LYRM AD-ADG836LYRM Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836LYRM-REEL AD-ADG836LYRM-REEL Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836LYRM-REEL7 AD-ADG836LYRM-REEL7 Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results

Similar Description - ADG839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG824 AD-ADG824 Datasheet
360Kb / 16P
   0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com