Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N156B6-L0B Datasheet(PDF) 18 Page - Chi Mei Corporation.

Part # N156B6-L0B
Description  15.6 TFT Liquid Crystal Display moudule with LED Backlight unit and 40 pins LVDS interface.
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIMEI [Chi Mei Corporation.]
Direct Link  http://www.chimeicorp.com/en-us/
Logo CHIMEI - Chi Mei Corporation.

N156B6-L0B Datasheet(HTML) 18 Page - Chi Mei Corporation.

Back Button N156B6-L0B Datasheet HTML 14Page - Chi Mei Corporation. N156B6-L0B Datasheet HTML 15Page - Chi Mei Corporation. N156B6-L0B Datasheet HTML 16Page - Chi Mei Corporation. N156B6-L0B Datasheet HTML 17Page - Chi Mei Corporation. N156B6-L0B Datasheet HTML 18Page - Chi Mei Corporation. N156B6-L0B Datasheet HTML 19Page - Chi Mei Corporation. N156B6-L0B Datasheet HTML 20Page - Chi Mei Corporation. N156B6-L0B Datasheet HTML 21Page - Chi Mei Corporation. N156B6-L0B Datasheet HTML 22Page - Chi Mei Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Doc No.: 400040433
Issued Date: Dec. 24, 2009
Model No.: N156B6-L0B
Approval
18 / 33
Version 2.0
85
55
# 2 9th character of name (“0”)
30
00110000
86
56
# 2 9th character of name (“B”)
42
01000010
87
57
# 2 New line character indicates end of ASCII string
0A
00001010
88
58
# 2 Padding with “Blank” character
20
00100000
89
59
# 2 Padding with “Blank” character
20
00100000
90
5A
Detailed timing description # 3
00
00000000
91
5B
# 3 Flag
00
00000000
92
5C
# 3 Reserved
00
00000000
93
5D
# 3 FE (hex) defines ASCII string (Vendor “CMO”, ASCII)
FE
11111110
94
5E
# 3 Flag
00
00000000
95
5F
# 3 1st character of string (“C”)
43
01000011
96
60
# 3 2nd character of string (“M”)
4D
01001101
97
61
# 3 3rd character of string (“O”)
4F
01001111
98
62
# 3 New line character indicates end of ASCII string
0A
00001010
99
63
# 3 Padding with “Blank” character
20
00100000
100
64
# 3 Padding with “Blank” character
20
00100000
101
65
# 3 Padding with “Blank” character
20
00100000
102
66
# 3 Padding with “Blank” character
20
00100000
103
67
# 3 Padding with “Blank” character
20
00100000
104
68
# 3 Padding with “Blank” character
20
00100000
105
69
# 3 Padding with “Blank” character
20
00100000
106
6A
# 3 Padding with “Blank” character
20
00100000
107
6B
# 3 Padding with “Blank” character
20
00100000
108
6C
Detailed timing description # 4
00
00000000
109
6D
# 4 Flag
00
00000000
110
6E
# 4 Reserved
00
00000000
111
6F
# 4 FE (hex) defines
ASCII string (Model Name“N156B6-L0B”,
ASCII)
FE
11111110
112
70
# 4 Flag
00
00000000
113
71
# 4 1st character of name (“N”)
4E
01001110
114
72
# 4 2nd character of name (“1”)
31
00110001
115
73
# 4 3rd character of name (“5”)
35
00110101
116
74
# 4 4th character of name (“6”)
36
00110110
117
75
# 4 5th character of name (“B”)
42
01000010
118
76
# 4 6th character of name (“6”)
36
00110110
119
77
# 4 7th character of name (“-”)
2D
00101101
120
78
# 4 8th character of name (“L”)
4C
01001100
121
79
# 4 9th character of name (“0”)
30
00110000
122
7A
# 4 9th character of name (“B”)
42
01000010
123
7B
# 4 New line character indicates end of ASCII string
0A
00001010
124
7C
# 4 Padding with “Blank” character
20
00100000
125
7D
# 4 Padding with “Blank” character
20
00100000
126
7E
Extension flag
00
00000000
127
7F
Checksum
20
00100000


Similar Part No. - N156B6-L0B

ManufacturerPart #DatasheetDescription
logo
Chi Mei Corporation.
N156BGE CHIMEI-N156BGE Datasheet
729Kb / 30P
   N156BGE-L21 is a 15.6??(15.547??diagonal) TFT Liquid Crystal Display module with LED Backlight
N156BGE CHIMEI-N156BGE Datasheet
813Kb / 30P
   N156BGE-L41 is a 15.6??(15.547??diagonal) TFT Liquid Crystal Display module with LED Backlight
logo
List of Unclassifed Man...
N156BGE-E41 ETC2-N156BGE-E41 Datasheet
1Mb / 38P
   15.6??diagonal TFT Liquid Crystal Display module with LED Backlight unit and 30 pins eDP interface.
logo
Chi Mei Corporation.
N156BGE-EA1 CHIMEI-N156BGE-EA1 Datasheet
1Mb / 44P
   15.6??(15.547??diagonal) TFT Liquid Crystal Display module
N156BGE-EA2 CHIMEI-N156BGE-EA2 Datasheet
4Mb / 40P
   15.6??(15.547??diagonal) TFT Liquid Crystal Display module
More results

Similar Description - N156B6-L0B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N140BGE-L23 ETC2-N140BGE-L23 Datasheet
2Mb / 35P
   14.0 TFT Liquid Crystal Display module with LED Backlight unit and 40 pins LVDS interface.
N156HGE-LB1 ETC2-N156HGE-LB1 Datasheet
733Kb / 36P
   N156HGE-LB1 is a 15.6 TFT Liquid Crystal Display module with LED Backlight unit and 40 pins LVDS interface
N156BGE-E41 ETC2-N156BGE-E41 Datasheet
1Mb / 38P
   15.6??diagonal TFT Liquid Crystal Display module with LED Backlight unit and 30 pins eDP interface.
N173HCE-E31 ETC2-N173HCE-E31 Datasheet
4Mb / 47P
   17.3??TFT Liquid Crystal Display module with LED Backlight unit and 30 pins eDP interface.
N140BGE-EB3 ETC2-N140BGE-EB3 Datasheet
4Mb / 44P
   14.0??(14.0??diagonal) TFT Liquid Crystal Display module with LED Backlight unit and 30 pins eDP interface.
V236BJ1-LE2 ETC2-V236BJ1-LE2 Datasheet
593Kb / 34P
   V236BJ1-LE2 is a 23.6 TFT Liquid Crystal Display module with WLED Backlight unit and 30 pins 1ch-LVDS interface.
logo
Chi Mei Corporation.
N140HGE CHIMEI-N140HGE Datasheet
3Mb / 44P
   N140HGE-EAA is a 14.0??TFT Liquid Crystal Display module with LED Backlight unit and 30 pins eDP interface
logo
List of Unclassifed Man...
N156BGE-P21 ETC2-N156BGE-P21 Datasheet
484Kb / 27P
   N156B6-P0B is a 15.6 (15.547 diagonal) TFT Liquid Crystal Display with LED Driver ICs and a 40-pins-and-1ch-LVDS circuit board.
logo
Chi Mei Corporation.
N156BGE-L41 CHIMEI-N156BGE-L41 Datasheet
813Kb / 30P
   N156BGE-L41 is a 15.6??(15.547??diagonal) TFT Liquid Crystal Display module with LED Backlight
N156BGE CHIMEI-N156BGE Datasheet
729Kb / 30P
   N156BGE-L21 is a 15.6??(15.547??diagonal) TFT Liquid Crystal Display module with LED Backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com