Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

585 Datasheet(PDF) 1 Page - Littelfuse

Part # 585
Description  MINIATURE FUSEHOLDERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

585 Datasheet(HTML) 1 Page - Littelfuse

  585 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050909
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
M8x0,75
=
=
10
0,5
1,1
Kappe eingesetzt
Leiterplatte
Printed circuit board
13±0,3
12±0,3
12,5
12,5
Löcher in Leiterplatte
Holes in the pcb
ø 1,3
ø 1,3
+0,1
+0,1
ø11±0,2
M8x0,75
Schaufenster PC farblos, glasklar
Window PC transparent, clear
(für Kennmelder-Sicherung)
(For indicator fuse)
ø8,4±0,1
ø11±0,2
M8x0,75
Schlitz für Münze
Slot for coin width
Breite 1,8
1,8
ø8,4±0,1
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 598
598
598
598
598
Not for new designs;
please refer to holder no. 831/834
Cap / No. 585
585
585
585
585
for fuses 5 x 20 mm
for fuses 5 x 20 mm
for fuses 5 x 20 mm
for fuses 5 x 20 mm
for fuses 5 x 20 mm
Montage
Montage
Montage
Montage
Montage
(2) Solder pins0.5 x 1.1mm
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (IEC 60529)
Materials
Materials
Materials
Materials
Materials
Holder:
Duroplastic
(Phenolplast PF), black
Cap:
Thermoplastic (Polyamide
PA 6.6), UL 94 V-0, black
Metal Parts:
Copper alloy,
corrosion protected
Terminals:
solderable tinned
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Rated Voltage:
250 V
max. Current/Power: 6.3 A / 2.5 W
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25 °C to 70 °C (consider de-rating)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
10 °C to 60 °C
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5 mΩ
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
3 kV, 50Hz, 1 min., dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 V DC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235 ºC, 3 sec. (Wave)
350 ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 °C, 5 sec.
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conduction Path - 0.2mm2
Marking
Marking
Marking
Marking
Marking
598, 250 V
Unit weight
Unit weight
Unit weight
Unit weight
Unit weight
4,9 g (598) / 3,6 g (585) / 3,4 g (586)
Specifications
Specifications
Specifications
Specifications
Specifications
Order Information
Order Information
Order Information
Order Information
Order Information
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 St.)
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Holder
No. 598 0000 000
Cap, 5 x 20 mm
No. 585 0000 000
Cap, 5 x 25 mm
No. 586 0000 000
PC Mount,
PC Mount,
PC Mount,
PC Mount,
PC Mount,
for 5x20mm and 5x25mm
for 5x20mm and 5x25mm
for 5x20mm and 5x25mm
for 5x20mm and 5x25mm
for 5x20mm and 5x25mm
Fuses
Fuses
Fuses
Fuses
Fuses
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Holes in the Printed Circuit Board
Cap / No. 586
586
586
586
586
for fuses 5 x 25 mm
for fuses 5 x 25 mm
for fuses 5 x 25 mm
for fuses 5 x 25 mm
for fuses 5 x 25 mm


Similar Part No. - 585

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
   IGNITION CONTROL
logo
Dialight Corporation
585-1111 DIALIGHT-585-1111 Datasheet
21Kb / 1P
   BASED LEDs-MULTI-CHIP
585-1121 DIALIGHT-585-1121 Datasheet
21Kb / 1P
   BASED LEDs-MULTI-CHIP
585-11X3 DIALIGHT-585-11X3 Datasheet
21Kb / 1P
   BASED LEDs-MULTI-CHIP
585-11X5 DIALIGHT-585-11X5 Datasheet
21Kb / 1P
   BASED LEDs-MULTI-CHIP
More results

Similar Description - 585

ManufacturerPart #DatasheetDescription
logo
Littelfuse
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
   MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
   MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
   MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
   MINIATURE FUSEHOLDERS
268 LITTELFUSE-268 Datasheet
109Kb / 1P
   MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
   MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
   MINIATURE FUSEHOLDERS
652 LITTELFUSE-652 Datasheet
76Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com