Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM10C209A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. LTM10C209A
Description  10.4” VGA color display with High Luminance
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM10C209A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  LTM10C209A Datasheet HTML 1Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 2Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 3Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 4Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 5Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 6Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 7Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 8Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(1/9)
2000-06-06 (Ver.1.4)
LIQUID CRYSTAL DISPLAY DIVISION
PRODUCT INFORMATION
FEATURES
(1) 10.4” VGA color display with High Luminance
(2) Built in Long Life Lamps(30,000 h)
(3) Replaceable structure of lamp units
(4) Full mechanical compatible with LTM10C273 (10.4” SVGA)
MECHANICAL SPECIFICATIONS
Item
Specifications
Dimensional Outline (typ.)
265.0(W) x 188.8(H) x 12max(D) mm
Number of Pixels
640(W) x 480(H) pixels
Active Area
211.2(W) x 158.4(H) mm
Pixel Pitch
0.33(W) x 0.33(H)
Weight (approximately)
590g
Backlight
Twin CCFLs, Sidelight type
ABSOLUTE MAXIMUM RATINGS
Item
Min.
Max.
Unit
(VDD)
-0.3
7.0
V
Supply Voltage
(VFL)
0
2.0
kV(rms)
FL Driving Frequency (fFL)
0
100
kHz
Input Signal Voltage (VIN)
-0.3
VDD+0.3
V
Operating Temperature
0
50
°C
Storage Temperature
-20
60
°C
Storage Humidity
(Max. wet bulb temperature = 39
°C)
10
90
%(RH)
ELECTRICAL SPECIFICATION (Ta=25
°C)
Item
Min.
Typ.
Max.
Unit
Remarks
(VDD)
4.75
5.0
5.25
V
Supply Voltage
(VFL)
500
550
600
V(rms)
FL Start Voltage
1500
---
1800
V(rms)
Ta=0
°C
High Level Input Voltage (VIH)
3.5
---
VDD
Low Level Input Voltage
(VIL)
0
---
1.5
V
*1 (I
DD)
---
125
250
mA
Current Consumption
*2 (I
FL)
3.0
6.0
7.0
mA(rms)
*1 *2 Power Consumption
---
7.2
---
W
IFL =6.0mA(rms)
*1 : 8 color bars pattern
*2 : Except the efficiency of FL inverter
OPTICAL SPECIFICATION (Ta=25
°C)
Item
Min.
Typ.
Max.
Unit
Remarks
Contrast Ratio (CR)
100
250
---
---
(tON)
---
---
50
ms
Response Time
(tOFF)
---
---
50
ms
Luminance (L)
190
250
---
cd/m
2
IFL=6.0mA(rms)
*The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
Toshiba or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Toshiba or others.
*The information contained herein may be changed without prior notice. It is therefore advisable to contact Toshiba before
proceeding with the design of equipment incorporating this product.
26cm COLOUR TFT-LCD MODULE
(10.4 TYPE)
LTM10C209A
(a-Si TFT)
TENTATIVE


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn