Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM10C209A Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part No. LTM10C209A
Description  10.4” VGA color display with High Luminance
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM10C209A Datasheet(HTML) 7 Page - Toshiba Semiconductor

  LTM10C209A Datasheet HTML 1Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 2Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 3Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 4Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 5Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 6Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 7Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 8Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
2000-06-06 (Ver.1.4)
LTM10C209A
CONNECTOR PIN ASSIGNMENT FOR INTERFACE
CN1 INPUT SIGNAL
Connector : DF9B-31P-1V / HIROSE ELECTRIC CO., LTD.
Mating Connector : DF9*-31S-1V / HIROSE ELECTRIC CO., LTD. ( * : option mark)
Terminal No.
Symbol
Function
1
GND
2
NCLK
SAMPLING CLOCK
3
GND
4
R0
RED DISPLAY DATA (LSB)
5
R1
RED DISPLAY DATA
6
R2
RED DISPLAY DATA
7
GND
8
R3
RED DISPLAY DATA
9
R4
RED DISPLAY DATA
10
R5
RED DISPLAY DATA (MSB)
11
GND
12
G0
GREEN DISPLAY DATA (LSB)
13
G1
GREEN DISPLAY DATA
14
G2
GREEN DISPLAY DATA
15
GND
16
G3
GREEN DISPLAY DATA
17
G4
GREEN DISPLAY DATA
18
G5
GREEN DISPLAY DATA (MSB)
19
GND
20
ENAB
COMPOUND SYNCHRONIZATION SIGNAL
21
GND
22
B0
BLUE DISPLAY DATA (LSB)
23
B1
BLUE DISPLAY DATA
24
B2
BLUE DISPLAY DATA
25
GND
26
B3
BLUE DISPLAY DATA
27
B4
BLUE DISPLAY DATA
28
B5
BLUE DISPLAY DATA (MSB)
29
GND
30
VDD
+5V POWER SUPPLY
31
VDD
+5V POWER SUPPLY
CN2 CCFL POWER SOURCE
Connector : BHR-03VS-1 / JAPAN SOLDERLESS TERMINAL MFG CO., LTD.
Mating Connector : SM02(8.0)B-BHS-1 / JAPAN SOLDERLESS TERMINAL MFG CO., LTD.
Terminal No.
Symbol
Function
1
VFLH1
CCFL Power Supply ( high voltage)
2
NC
1)
Non Connection (open)
3
VFLL1
CCFL Power Supply (low voltage)
CN3 CCFL POWER SOURCE
Connector : BHR-03VS-1 / JAPAN SOLDERLESS TERMINAL MFG CO., LTD.
Mating Connector : SM02(8.0)B-BHS-1 / JAPAN SOLDERLESS TERMINAL MFG CO., LTD.
Terminal No.
Symbol
Function
1
VFLH2
CCFL Power Supply ( high voltage)
2
NC
1)
Non Connection (open)
3
VFLL2
CCFL Power Supply (low voltage)
Note 1) NC terminal should be open.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn