Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM10C209A Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. LTM10C209A
Description  10.4” VGA color display with High Luminance
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM10C209A Datasheet(HTML) 6 Page - Toshiba Semiconductor

  LTM10C209A Datasheet HTML 1Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 2Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 3Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 4Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 5Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 6Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 7Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 8Page - Toshiba Semiconductor LTM10C209A Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
2000-06-06 (Ver.1.4)
LTM10C209A
TIMING SPECIFICATION
1) 2) 3) 4) 5) 6)
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Frame Period
t1
249+N/2 x t3
525 x t3
16.68
525 x t3
17.85
---
ms
Vertical
Display Term
t2
300 x t3
480 x t3
480 x t3
---
t2=N x t3
One Line
Scanning Time
t3
684 x tc
31.5
800 x tc
31.78
860 x tc
---
---
µs
Horizontal
Display Term
t4
640 x tc
640 x tc
640 x tc
---
Clock Period
tc
35.0
39.72
---
ns
Clock “L” Time
t6
10.0
---
---
ns
Clock “H” Time
t7
7.0
---
---
ns
Set Up Time
t8
5.0
---
---
ns
Hold Time
t9
10.0
---
---
ns
Note 1)
When ENAB is fixed to “H” level or “L” level after NCLK input, the panel is displayed as black. However, it may be
occurred a flicker on the display.
Note 2)
When NCLK is fixed to “H” level or “L” level, the panel becomes white stage after several seconds.
Note 3)
Do not change t1 and t3 values in the operation. When t1 or t3 is changed, the panel is displayed as black.
Note 4)
Please adjust LCD operating signal timing and FL driving frequency, to optimize the display quality. There is a
possibility that flicker is observed by the interference of LCD operating signal timing and FL driving condition
(especially driving frequency).
Note 5)
When the vertical display period (N) is shorter than 480 lines, the actual display area is shifted to the center.
Non-display areas become dark as follows.
Note 5)
The following conditions should be met.
a. NCLK count of each Horizontal Scanning Time should be always the same.
b. V-Blanking period should be "n" x "Horizontal Scanning Time". (n=integer)
c. Frame period should be always the same.
1, 1
2, 1
x, 1
640, 1
1, 2
1, y
x, y
1, N
640, N
640 pixels
480 lines


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn