Electronic Components Datasheet Search |
|
5962G9583401QXXA Datasheet(PDF) 2 Page - Aeroflex Circuit Technology |
|
5962G9583401QXXA Datasheet(HTML) 2 Page - Aeroflex Circuit Technology |
2 / 11 page 2 TRUTH TABLE PIN DESCRIPTION APPLICATIONS INFORMATION The UT54LVDS032 receiver’s intended use is primarily in an uncomplicated point-to-point configuration as is shown in Figure 3. This configuration provides a clean signaling environment for quick edge rates of the drivers. The receiver is connected to the driver through a balanced media which may be a standard twisted pair cable, a parallel pair cable, or simply PCB traces. Typically, the characteristic impedance of the media is in the range of 100 Ω. A termination resistor of 100Ω should be selected to match the media and is located as close to the receiver input pins as possible. The termination resistor converts the current sourced by the driver into voltages that are detected by the receiver. Other configurations are possible such as a multi-receiver configuration, but the effects of a mid-stream connector(s), cable stub(s), and other impedance discontinuities, as well as ground shifting, noise margin limits, and total termination loading must be taken into account. The UT54LVDS032 differential line receiver is capable of detecting signals as low as 100mV, over a + 1V common-mode range centered around +1.2V. This is related to the driver offset voltage which is typically +1.2V. The driven signal is centered around this voltage and may shift +1V around this center point. The +1V shifting may be the result of a ground potential difference between the driver’s ground reference and the receiver’s ground reference, the common-mode effects of coupled noise or a combination of the two. Both receiver input pins should honor their specified operating input voltage range of 0V to +2.4V (measured from each pin to ground). Enables Input Output EN EN R IN+ - RIN- R OUT L H X Z All other combinations of ENABLE inputs VID > 0.1V H V ID < -0.1V L Full Fail-safe OPEN/SHORT or Terminated H Pin No. Name Description 2, 6, 10, 14 R IN+ Non-inverting receiver input pin 1, 7, 9, 15 RIN- Inverting receiver input pin 3, 5, 11, 13 ROUT Receiver output pin 4 EN Active high enable pin, OR-ed with EN 12 EN Active low enable pin, OR-ed with EN 16 V DD Power supply pin, +5V + 10% 8 V SS Ground pin Figure 2. UT54LVDS032 Pinout UT54LVDS032 Receiver 16 15 14 13 12 11 10 9 VDD R IN4- RIN4+ ROUT4 EN ROUT3 RIN3+ RIN3- 1 RIN1- 2 R IN1+ 3 ROUT1 4 EN 5 ROUT2 6 RIN2+ 7 RIN2- 8 VSS ENABLE DATA INPUT 1/4 UT54LVDS031 1/4 UT54LVDS032 + - DATA OUTPUT Figure 3. Point-to-Point Application RT 100 Ω |
Similar Part No. - 5962G9583401QXXA |
|
Similar Description - 5962G9583401QXXA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |