Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0232010.MXWP-ND Datasheet(PDF) 2 Page - Littelfuse

Part # 0232010.MXWP-ND
Description  Axial Lead and Cartridge Fuses - Designed to METI Standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0232010.MXWP-ND Datasheet(HTML) 2 Page - Littelfuse

  0232010.MXWP-ND Datasheet HTML 1Page - Littelfuse 0232010.MXWP-ND Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
423
www .littelfuse .com
11
5 x 20 mm Medium-Acting Fuse 232 Series
0232 000
1
0232 000 XW
2
0232 000 XE
2
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
0.65*
40
22.5 MAX
5.8 MAX
All dimensions in mm
20+0.5
20.64+2.0
0.64
25.0+0.5
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
1 For RoHS compliant parts
add suffix 'XP'
2 For RoHS compliant parts
add suffix 'P'
Agency Approvals
Agency Approvals
Ampere Range
Certificate No.
SU05001-2001
1A – 10A (125V)
1A – 10A
Certificate No.
Cartridge
NBK010702-E10480 A
1A – 5A
125V 10,000A
NBK290502-E10480 C
6.3A – 10A 125V 300A
Leaded
NBK010702-E10480 B
1A – 5A
125V 10,000A
NBK290502-E10480 E
6.3A – 10A 125V 300A
RoHS
0.001
0.01
0.1
110
100
1000
1
10
100
1000
10000
CURRENT IN AMPERES
Average Time Current Curves
Pb


Similar Part No. - 0232010.MXWP-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0232010.MXEP LITTELFUSE-0232010.MXEP Datasheet
189Kb / 4P
   232 Series, 5 x 20 mm, Medium-Acting Fuse
0232010.MXP LITTELFUSE-0232010.MXP Datasheet
189Kb / 4P
   232 Series, 5 x 20 mm, Medium-Acting Fuse
More results

Similar Description - 0232010.MXWP-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
226 LITTELFUSE-226 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.050 LITTELFUSE-216.050 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.032 LITTELFUSE-217.032 Datasheet
133Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
218.032 LITTELFUSE-218.032 Datasheet
234Kb / 4P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
239 LITTELFUSE-239 Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com