Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6690MTC20X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMS6690MTC20X
Description  Six Channel, 6th Order SD/PS/HD Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6690MTC20X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMS6690MTC20X Datasheet HTML 1Page - Fairchild Semiconductor FMS6690MTC20X Datasheet HTML 2Page - Fairchild Semiconductor FMS6690MTC20X Datasheet HTML 3Page - Fairchild Semiconductor FMS6690MTC20X Datasheet HTML 4Page - Fairchild Semiconductor FMS6690MTC20X Datasheet HTML 5Page - Fairchild Semiconductor FMS6690MTC20X Datasheet HTML 6Page - Fairchild Semiconductor FMS6690MTC20X Datasheet HTML 7Page - Fairchild Semiconductor FMS6690MTC20X Datasheet HTML 8Page - Fairchild Semiconductor FMS6690MTC20X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FMS6690 Rev. 2A
5
www.fairchildsemi.com
Applications Information
Functional Description
The FMS6690 Low Cost Video Filter (LCVF) provides 6dB gain
(9dB optional, contact factory for further information) from input
to output. In addition, the input will be slightly offset to optimize
the output driver performance. The offset is held to the minimum
required value to decrease the standing DC current into the
load. Typical voltage levels are shown in the diagram below.
Figure 1. Typical Voltage Levels
The FMS6690 provides an internal diode clamp to support AC-
coupled input signals. If the input signal does not go below
ground, the input clamp will not operate. This allows DAC out-
puts to directly drive the FMS6690 without an AC coupling
capacitor. The worst-case sync tip compression due to the
clamp will not exceed 7mV. The input level set by the clamp
combined with the internal DC offset will keep the output within
its acceptable range. When the input is AC-coupled, the diode
clamp will set the sync tip (or lowest voltage) just below ground.
For symmetric signals like C, U, V, Cb, Cr, Pb and Pr, the aver-
age DC bias is fairly constant and the inputs can be AC-coupled
with the addition of a pull-up resistor to set the DC input voltage.
DAC outputs can also drive these same signals without the AC
coupling capacitor. A conceptual illustration of the input clamp
circuit is shown below:
Figure 2. Input Clamp Circuit
I/O Configurations
For DC-coupled DAC drive with DC-coupled outputs, use this
configuration:
Figure 3. DC-coupled Inputs and Outputs
Alternatively, if the DAC’s average DC output level causes the
signal to exceed the range of 0V to 1.4V, it can be AC-coupled
as follows:
Figure 4. AC-coupled Inputs, DC-coupled Outputs
When the FMS6690 is driven by an unknown external source or
a SCART switch with its own clamping circuitry, the inputs
should be AC-coupled as follows:
Figure 5. SCART Configuration with DC-coupled
Outputs
There will be a 280mV offset from the DC input level to
the DC output level.
Vout = 2 * Vin + 280mV
0.0 -> 0.02V
0.3 -> 0.32V
0.65 -> 0.67V
1.0 -> 1.02V
Vin
0.15V
0.5V
0.85V
Vin
0.28V
0.88V
1.58V
2.28V
Driven by:
DC-Coupled DAC Outputs or
AC-Coupled and Clamped
Y, R, G, B, CV
Vout
0.58V
1.28V
1.98V
Driven by:
DC-Coupled DAC Outputs
AC-Coupled and Biased
U, V, Pb, Pr, C
Vout
YOUT
Driver
YIN
0.65V
800k
DVD or
STB
SoC
DAC
Output
75
LCVF
Clamp
Inactive
0V - 1.4V
DVD or
STB
SoC
DAC
Output
75
LCVF
Clamp
Active
0.1u
0V - 1.4V
75
LCVF
Clamp
Active
75
0.1u
External Video
source must
be AC-coupled.
0V - 1.4V


Similar Part No. - FMS6690MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6690MTC20X FAIRCHILD-FMS6690MTC20X Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690MTC20X ONSEMI-FMS6690MTC20X Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
More results

Similar Description - FMS6690MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FMS6246 FAIRCHILD-FMS6246 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6246 FAIRCHILD-FMS6246_06 Datasheet
257Kb / 11P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6346 FAIRCHILD-FMS6346_06 Datasheet
267Kb / 11P
   Six Channel, 6th Order SD/HD Video Filter Driver
FMS6346 FAIRCHILD-FMS6346 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6346 ONSEMI-FMS6346 Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6144A ONSEMI-FMS6144A Datasheet
572Kb / 15P
   Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.2
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com