Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOD816 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FOD816
Description  4-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD816 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FOD816 Datasheet HTML 1Page - Fairchild Semiconductor FOD816 Datasheet HTML 2Page - Fairchild Semiconductor FOD816 Datasheet HTML 3Page - Fairchild Semiconductor FOD816 Datasheet HTML 4Page - Fairchild Semiconductor FOD816 Datasheet HTML 5Page - Fairchild Semiconductor FOD816 Datasheet HTML 6Page - Fairchild Semiconductor FOD816 Datasheet HTML 7Page - Fairchild Semiconductor FOD816 Datasheet HTML 8Page - Fairchild Semiconductor FOD816 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FOD816 Series Rev. 1.0.3
Electrical/Characteristics (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics (TA = 25°C Unless otherwise specified.)
Isolation Characteristics
NOTES
1. Current Transfer Ratio (CTR) = IC/IF x 100%.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
INPUT
Forward Voltage
(IF = ±20 mA)
VF
1.2
1.4
V
Terminal Capacitance
(V = 0, f = 1 kHz)
Ct
—50
250
pF
OUTPUT
Collector Dark Current
(VCE = 10 V, IF = 0)
ICEO
——
1
µA
Collector-Emitter Breakdown Voltage
(IC = 0.1 mA, IF = 0)
BVCEO
35
V
Emitter-Collector Breakdown Voltage
(IE = 10 µA, IF = 0)
BVECO
6—
V
DC Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
Collector Current
(IF = ±1 mA, VCE = 2 V)
IC
6—
75
mA
Current Transfer Ratio1
CTR
600
7,500
%
Collector-Emitter Saturation Voltage
(IF = ±20 mA, IC = 5 mA)
VCE (sat)
0.8
1
V
Isolation Resistance
(DC500V 40~60% R.H.)
Riso
5x1010
1x1011
Floating Capacitance
(V = 0, f = 1 MHz)
Cf
0.6
1
pF
Cut-Off Frequency
(VCE = 5 V, IC = 2 mA, RL = 100 Ω, -3dB)
fC
16
KHz
Response Time (Rise)
(VCE = 2 V, IC = 10 mA, RL = 100 Ω
tr
—60
300
µs
Response Time (Fall)
tf
—53
250
µs
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Units
Input-Output Isolation Voltage (note 3)
f = 60Hz, t = 1 min
VISO
5000
Vac(rms)
Isolation Resistance
(VI-O = 500 VDC)
RISO
5 x 1010
1011
Isolation Capacitance
(VI-O = 0, f = 1 MHz)
CISO
0.6
1.0
pf


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn