Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOD816 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FOD816
Description  4-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD816 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD816 Datasheet HTML 1Page - Fairchild Semiconductor FOD816 Datasheet HTML 2Page - Fairchild Semiconductor FOD816 Datasheet HTML 3Page - Fairchild Semiconductor FOD816 Datasheet HTML 4Page - Fairchild Semiconductor FOD816 Datasheet HTML 5Page - Fairchild Semiconductor FOD816 Datasheet HTML 6Page - Fairchild Semiconductor FOD816 Datasheet HTML 7Page - Fairchild Semiconductor FOD816 Datasheet HTML 8Page - Fairchild Semiconductor FOD816 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
July 2005
FOD816 Series Rev. 1.0.3
FOD816 Series
4-Pin Phototransistor Optocouplers
Features
■ AC input response
■ Applicable to Pb-free IR reflow soldering
■ Compact 4-pin package
■ High current transfer ratio: 600% minimum
■ Safety agency approvals pending
■ High input-output isolation voltage of 5000Vrms
Applications
■ Power supply regulators
■ Digital logic inputs
■ Microprocessor inputs
Description
The FOD816 consists of two gallium arsenide infrared emitting
diodes, connected in inverse parallel, driving a silicon photodar-
lington output in a 4-pin dual in-line package.
Functional Block Diagram
Absolute Maximum Ratings (TA = 25°C Unless otherwise specified.)
Parameter
Symbol
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-30 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Power Dissipation
PTOT
200
mW
INPUT
Forward Current
IF
±50
mA
Power Dissipation
P
70
mW
OUTPUT
Collector-Emitter Voltage
VCEO
35
V
Emitter-Collector Voltage
VECO
6V
Collector Current
IC
80
mA
Collector Power Dissipation
PC
150
mW
1
ANODE, CATHODE
2
4
3
CATHODE, ANODE
COLLECTOR
EMITTER
4
1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn