Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOD816 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FOD816
Description  4-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD816 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD816 Datasheet HTML 1Page - Fairchild Semiconductor FOD816 Datasheet HTML 2Page - Fairchild Semiconductor FOD816 Datasheet HTML 3Page - Fairchild Semiconductor FOD816 Datasheet HTML 4Page - Fairchild Semiconductor FOD816 Datasheet HTML 5Page - Fairchild Semiconductor FOD816 Datasheet HTML 6Page - Fairchild Semiconductor FOD816 Datasheet HTML 7Page - Fairchild Semiconductor FOD816 Datasheet HTML 8Page - Fairchild Semiconductor FOD816 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FOD816 Series Rev. 1.0.3
Typical Electrical/Optical Characteristic Curves (TA = 25°C Unless otherwise specified.)
0
-30
0
Ta = 75°C
50°C
25°C
0°C
-25°C
VCE = 2V
Ta = 25°C
Ta = 25°C
IF = 10 mA
Pc(MAX.)
5mA
2mA
1mA
Ta = 25°C
75
50
25
0
100
125
10
20
30
40
50
60
0
50
100
150
200
0
1
2
3
4
5
6
7
8
1
2
5
10
20
50
100
200
500
0
0.1
0.2
0.5
2
15
10
400
800
1200
1600
2000
01234
5
20
40
60
80
100
Fig. 1 Forward Current
vs. Ambient Temperature
Fig. 2 Collector Power Dissipation
vs. Ambient Temperature
FORWARD CURRENT IF (mA)
Fig. 3 Collector-Emitted Saturation Voltage
vs. Forward Current
Fig. 4 Forward Current vs. Forward Voltage
FORWARD VOLTAGE VF (V)
FORWARD CURRENT IF (mA)
Fig. 5 Current Transfer Ratio
vs. Forward Current
COLLECTOR-EMITTER VOLTAGE VCE (V)
Fig. 6 Collector Current
vs. Collector-Emitter Voltage
AMBIENT TEMPERATURE TA (°C)
-30
75
50
25
0
100
125
AMBIENT TEMPERATURE TA (°C)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
00.5
1.0
1.5
2.0
2.5
3.0


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn