Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6400-1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMS6400-1
Description  Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6400-1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6400-1 Datasheet HTML 1Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 2Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 3Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 4Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 5Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 6Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 7Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.fairchildsemi.com
FMS6400-1 Rev. 1A
DC Electrical Characteristics
Tc = 25°C, Vcc = 5V, Vin = 1Vpp, ASEL = 1 (6dB gain), all inputs AC coupled with 0.1uF, all outputs AC cou-
pled with 220uF into 150
Ω loads, referenced to 400kHz; unless otherwise noted.
AC Electrical Characteristics
Tc = 25°C, Vcc = 5V, Vin = 1Vpp, ASEL = 1 (6dB gain), all inputs AC coupled with 0.1uF, all outputs AC cou-
pled with 220uF into 150
Ω loads, referenced to 400kHz; unless otherwise noted.
Notes:
1. 100% tested at 25°C
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
ICC
Supply Current1
No load
50
65
mA
Vi
Input Voltage Max
1.4
Vpp
PSRR
Power Supply Rejection Ratio
All channels, DC
50
dB
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
AV0dB
Channel Gain1
All Channels , ASEL = 0
-0.25
0
0.25
dB
AV6dB
Channel Gain1
All Channels , ASEL = 1
5.75
6.0
6.25
dB
Csync
COUT Output Level (during sync)
1
Sync present on YIN (after 6dB gain)
0.8
1.0
1.3
V
Ysync
YOUT Output Level (during sync)
1
Sync present on YIN (after 6dB gain)
0.2
0.35
0.5
V
CVsync
CVOUT Output Level (during sync)
1
Sync present on YIN (after 6dB gain)
0.2
0.35
0.5
V
TCLAMP
Clamp Response Time (Y channel) Settled to within 10mV
10
ms
fFLAT
Gain Flatness to 2.4MHz
All Channels
-0.05
dB
fC
-3dB Bandwidth1
All Channels
4.1
5.1
MHz
fSB
Stopband Attenuation1
All Channels at 27MHz
37
52
dB
dG
Differential Gain
All Channels
0.4
%
dP
Differential Phase
All Channels
0.4
deg
THD
Output Distortion
VOUT = 1.4Vpp, 3.58MHz
0.3
%
XTALK
Crosstalk
at 3.58MHz
-45
dB
SNR
Signal-to-Noise Ratio Y,C Channel
NTC-7 weighting, 4.2MHz LP, 100kHz
HP
75
dB
Signal-to-Noise Ratio CV Channel
70
dB
tpd
Propogation Delay
All Channels
136
ns
GD
Group Delay Deviation
All Channels at 3.58MHz
10
ns
tSKEW
Skew Between YOUT and COUT
at 1MHz
0
ns
tCLGCV
Chroma-Luma Gain CVOUT
1
f = 3.58MHz (ref to YIN at 400kHz)
94
100
104
%
tCLDCV
Chroma-Luma Delay CVOUT
f = 3.58MHz (ref to YIN at 400kHz)
10
ns


Similar Part No. - FMS6400-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
More results

Similar Description - FMS6400-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6414 FAIRCHILD-FMS6414 Datasheet
34Kb / 7P
   Dual Channel Video Drivers with Integrated Filters
FMS6410 FAIRCHILD-FMS6410_04 Datasheet
110Kb / 9P
   Dual Channel Video Drivers with Integrated Filters
logo
ON Semiconductor
FMS6410B ONSEMI-FMS6410B Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
Fairchild Semiconductor
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
   S-Video Filter and 75 ??Line Drivers with Summed Composite Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com