Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6246 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FMS6246
Description  Six Channel, 6th Order SD/PS Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FMS6246 Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FMS6246 Rev. 1A
Pin Configuration
Pin Assignments
Pin#
Pin
Type
Description
1
SD IN1
Input
SD video input, channel 1
2
SD IN2
Input
SD video input, channel 2
3
SD IN3
Input
SD video input, channel 3
4
N/C
Input
No Connect
5
Vcc
Input
+5V supply
6
FcSEL
Input
Selects filter corner frequency for pins 7, 8,
and 9. “0” = SD, “1” = HD
7
SD/PS IN1
Input
Selectable SD or PS video input, channel 1
8
SD/PS IN2
Input
Selectable SD or PS video input, channel 2
9
SD/PS IN3
Input
Selectable SD or PS video input, channel 3
10
N/C
Input
No Connect
11
N/C
Input
No Connect
12
SD/PS OUT3
Output
Filtered SD or PS video output, channel 3
13
SD/PS OUT2
Output
Filtered SD or PS video output, channel 2
14
SD/PS OUT1
Output
Filtered SD or PS video output, channel 1
15
N/C
Input
No Connect
16
Gnd
Input
Must be tied to Ground
17
Gnd
Input
Must be tied to Ground
18
SD OUT3
Output
Filtered SD video output, channel 3
19
SD OUT2
Output
Filtered SD video output, channel 2
20
SD OUT1
Output
Filtered SD video output, channel 1
FAIRCHILD
FMS6246
20L TSSOP
Vcc
SD IN2
SD IN3
SD/PS IN1
SD IN1
FcSEL
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
SD/PS IN2
SD/PS IN3
SD OUT2
SD OUT3
SD/PS OUT1
SD OUT1
SD/PS OUT2
SD/PS OUT3
Gnd
Gnd
9
10
N/C
12
11
N/C
N/C
N/C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn