Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6246 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part No. FMS6246
Description  Six Channel, 6th Order SD/PS Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6246 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FMS6246 Datasheet HTML 2Page - Fairchild Semiconductor FMS6246 Datasheet HTML 3Page - Fairchild Semiconductor FMS6246 Datasheet HTML 4Page - Fairchild Semiconductor FMS6246 Datasheet HTML 5Page - Fairchild Semiconductor FMS6246 Datasheet HTML 6Page - Fairchild Semiconductor FMS6246 Datasheet HTML 7Page - Fairchild Semiconductor FMS6246 Datasheet HTML 8Page - Fairchild Semiconductor FMS6246 Datasheet HTML 9Page - Fairchild Semiconductor FMS6246 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
FMS6246 Rev. 1A
Mechanical Dimensions
20-Lead Thin Shrink Outline Package (TSSOP)
E/2
2X
ddd C B A
6
6
1.0
1.0
12 3
9
e /2
E1 E
e
N
8
– B – 7
2X
N/2 TIPS
1.0 DIA
– A –
7
– C –
aaa C
ccc
8
3
D
CB A
bbb M
b NX
A1
A2
A
c1
c
(b)
b1
5
SECTION AA
10
A
A
– H –
GAGE
PLANE
0.25
(0.20)
(02)
R1
R
01
(L1)
L
(03)
NOTES:
1 All dimensions are in millimeters (angle in degrees).
2
Dimensioning and tolerancing per ASME Y14.5–1994.
3
Dimensions "D" does not include mold flash, protusions or gate burrs. Mold flash protusions or gate burrs shall not exceed 0.15 per side .
4
Dimension "E1" does not include interlead flash or protusion. Interlead flash or protusion shall not exceed 0.25 per side.
5
Dimension "b" does not include dambar protusion. Allowable dambar protusion shall be 0.08mm total in excess of the "b" dimension at maximum
material condition. Dambar connot be located on the lower radius of the foot. Minimum space between protusion and adjacent lead is 0.07mm
for 0.5mm pitch packages.
6
Terminal numbers are shown for reference only.
7
Datums – A – and – B – to be determined at datum plane – H – .
8
Dimensions "D" and "E1" to be determined at datum plane – H – .
9
This dimensions applies only to variations with an even number of leads per side. For variation with an odd number of leads per side, the "center"
lead must be coincident with the package centerline, Datum A.
10
Cross sections A – A to be determined at 0.10 to 0.25mm from the leadtip.
SYMBOL
MIN
NOM
MAX
A
1.10
A1
0.05
0.15
A2
0.85
0.90
0.95
L
0.50
0.60
0.75
R
0.09
R1
0.09
b
0.19
0.30
b1
0.19
0.22
0.25
c
0.09
0.20
c1
0.09
0.16
01
0
°
8
°
L1
1.0 REF
aaa
0.10
bbb
0.10
ccc
0.05
ddd
0.20
e
0.65 BSC
02
12
° REF
03
12
° REF
TSSOP-20
SYMBOL
MIN
NOM
MAX
D
2.90
3.0
3.10
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
8
8 Lead
SYMBOL
MIN
NOM
MAX
D
4.90
5.00
5.10
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
14
14 Lead
SYMBOL
MIN
NOM
MAX
D
4.90
5.00
5.10
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
16
16 Lead
SYMBOL
MIN
NOM
MAX
D
6.50
6.50
6.60
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
20
20 Lead
SYMBOL
MIN
NOM
MAX
D
7.70
7.80
7.90
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
24
24 Lead
SYMBOL
MIN
NOM
MAX
D
9.50
9.70
9.80
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
28
28 Lead
D
6.50
6.50
6.60
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
20


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn