Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6246 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FMS6246
Description  Six Channel, 6th Order SD/PS Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6246 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FMS6246 Datasheet HTML 2Page - Fairchild Semiconductor FMS6246 Datasheet HTML 3Page - Fairchild Semiconductor FMS6246 Datasheet HTML 4Page - Fairchild Semiconductor FMS6246 Datasheet HTML 5Page - Fairchild Semiconductor FMS6246 Datasheet HTML 6Page - Fairchild Semiconductor FMS6246 Datasheet HTML 7Page - Fairchild Semiconductor FMS6246 Datasheet HTML 8Page - Fairchild Semiconductor FMS6246 Datasheet HTML 9Page - Fairchild Semiconductor FMS6246 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FMS6246 Rev. 1A
The same method can be used for biased signals with the addi-
tion of a pull-up resistor to make sure the clamp never operates.
The internal pull-down resistance is 800k
Ω ±20% so the exter-
nal resistance should be 7.5M
Ω to set the DC level to 500mV. If
a pull-up resistance less than 7.5M
Ω is desired, an external
pull-down can be added such that the DC input level is set to
500mV.
Figure 6. Biased SCART with DC-coupled Outputs
The same circuits can be used with AC-coupled outputs if
desired.
Figure 7. DC-coupled inputs, AC-coupled Outputs
Figure 8. AC-coupled inputs and outputs
Figure 9. Biased SCART with AC-Coupled Outputs
NOTE: The video tilt or line time distortion will be dominated by
the AC-coupling capacitor. The value may need to be increased
beyond 220uF in order to obtain satisfactory operation in some
applications.
Power Dissipation
The FMS6246 output drive configuration must be considered
when calculating overall power dissipation. Care must be taken
not to exceed the maximum die junction temperature. The fol-
lowing example can be used to calculate the FMS6246’s power
dissipation and internal temperature rise.
Tj = TA + Pd • ΘJA
where Pd = PCH1 + PCH2 + PCHx
and PCHx = Vs • ICH - (VO
2/R
L)
where
VO = 2Vin + 0.280V
ICH = (ICC / 6) + (VO/RL)
Vin = RMS value of input signal
ICC = 60mA
Vs = 5V
RL = channel load resistance
Board layout can also affect thermal characteristics. Refer to the
Layout Considerations Section for more information.
Layout Considerations
General layout and supply bypassing play major roles in high
frequency performance and thermal characteristics. Fairchild
offers a demonstration board, FMS6246DEMO, to use as a
guide for layout and to aid in device testing and characterization.
The FMS6246DEMO is a 4-layer board with a full power and
ground plane. Following this layout configuration will provide the
optimum performance and thermal characteristics. For optimum
results, follow the steps below as a basis for high frequency lay-
out:
• Include 10
µF and 0.1µF ceramic bypass capacitors
• Place the 10
µF capacitor within 0.75 inches of the power pin
• Place the 0.1
µF capacitor within 0.1 inches of the power pin
• For multi-layer boards, use a large ground plane to help dissi-
pate heat
• For 2 layer boards, use a ground plane that extends beyond
the device by at least 0.5”
• Minimize all trace lengths to reduce series inductances
75
LCVF
Bias
Input
75
0.1u
External Video
source must
be AC-coupled.
500mV +/-350mV
7.5M
DVD or
STB
SoC
DAC
Output
75
LCVF
Clamp
Inactive
0V - 1.4V
220u
75
LCVF
Clamp
Active
0.1u
0V - 1.4V
220u
DVD or
STB
SoC
DAC
Output
75
LCVF
Clamp
Active
75
0.1u
External video
source must
be AC-coupled.
220u
500mV +/-350mV
7.5M


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn