Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50015 Datasheet(PDF) 68 Page - Zarlink Semiconductor Inc

Part # ZL50015
Description  Enhanced 1 K Digital Switch with Stratum 4E DPLL
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50015 Datasheet(HTML) 68 Page - Zarlink Semiconductor Inc

Back Button ZL50015 Datasheet HTML 64Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 65Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 66Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 67Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 68Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 69Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 70Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 71Page - Zarlink Semiconductor Inc ZL50015 Datasheet HTML 72Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
ZL50015
Data Sheet
68
Zarlink Semiconductor Inc.
Table 32 - Lock Detector Interval Register (LDIR) Bits
Bit
Name
Description
15 - 0
LDT15 - 0
Lock Detect Threshold Bits
The binary value of these bits defines the upper limit of the absolute phase from the
phase detector output for lock detection.
When the value of the absolute phase is less than or equal to LDT for duration of time
defined by the LDIR register, the DPLL locks.
When the value of the absolute phase is greater than LDT for duration of time defined by
the LDIR register divided by 256, the DPLL does not lock.
Note: LDT should be calculated as per the maximum expected amplitude of jitter on the active input reference
using the following formula:
LDT = MAX_EXP_JITTER (ns) x 2
15.2 (ns)
Example: If maximum expected jitter amplitude on 2.048 MHz reference is 10UI (i.e., 10 x 488.2 ns = 4882 ns)
(assuming the jitter frequency where DPLL attenuation is big), the LDT should be programmed to be (4882/15.2)
x 2 = 642 = 0282H
Table 31 - Lock Detector Threshold Register (LDTR) Bits
Bit
Name
Description
15 - 0
LDI15 - 0
Lock Detector Interval Bits
The binary value of these bits defines the time interval that the output phase detector
must be below the lock detect threshold to declare lock. Unsigned representation of the
LDI bits is defined in 4 ms intervals.
External Read/Write Address: 0047H
Reset Value: 000FH
15
14
13
12
11
10
98
7654
321
0
LDT
15
LDT
14
LDT
13
LDT
12
LDT
11
LDT
10
LDT
9
LDT
8
LDT
7
LDT
6
LDT
5
LDT
4
LDT
3
LDT
2
LDT
1
LDT
0
External Read/Write Address: 0048H
Reset Value: 2C00H
15
14
13
12
11
10
98
7654
321
0
LDI
15
LDI
14
LDI
13
LDI
12
LDI
11
LDI
10
LDI
9
LDI
8
LDI
7
LDI
6
LDI
5
LDI
4
LDI
3
LDI
2
LDI
1
LDI
0


Similar Part No. - ZL50015

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015GAC ZARLINK-ZL50015GAC Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015GAG2 ZARLINK-ZL50015GAG2 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCC ZARLINK-ZL50015QCC Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015QCC1 ZARLINK-ZL50015QCC1 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50015

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com