Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9583402VXC Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # 5962R9583402VXC
Description  Quad Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9583402VXC Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button 5962R9583402VXC Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9583402VXC Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9583402VXC Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9583402VXC Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9583402VXC Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9583402VXC Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9583402VXC Datasheet HTML 9Page - Aeroflex Circuit Technology 5962R9583402VXC Datasheet HTML 10Page - Aeroflex Circuit Technology 5962R9583402VXC Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 6. Receiver Three-State Delay Test Circuit or Equivalent Circuit
RIN+
R IN-
EN
VDD
2K
2K
20pf
EN when EN = VDD
EN when EN = VSS
Output when
V
ID = -100mV
Output when
VID = +100mV
t
PHZ
tPZH
0.5V
50%
VOH
V
SS
VDD
0V
V
DD
0V
VDD
1.25V
1.25V
1.25V
1.25V
0.5V
tPZL
tPLZ
Figure 7. Receiver Three-State Delay Waveform
50%
VOL


Similar Part No. - 5962R9583402VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R9583301VFA TI-5962R9583301VFA Datasheet
657Kb / 21P
[Old version datasheet]   DS90C031QML LVDS Quad CMOS Differential Line Driver
5962R9583301VZA TI-5962R9583301VZA Datasheet
657Kb / 21P
[Old version datasheet]   DS90C031QML LVDS Quad CMOS Differential Line Driver
More results

Similar Description - 5962R9583402VXC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Texas Instruments
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
[Old version datasheet]   Quad CMOS Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
[Old version datasheet]   Quad CMOS Receiver
logo
Analog Devices
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
logo
National Semiconductor ...
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
   Quad CMOS Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com