Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

559 Datasheet(PDF) 1 Page - Littelfuse

Part No. 559
Description  SUBMINIATURE FUSEHOLDERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

559 Datasheet(HTML) 1 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050201
050201
050201
050201
050201
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com
E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
R0,75
45
1,35
5,08
∅ 9,5
∅ 0,5
∅ 1
∅ 10
7,18
1,2
R0,3
5,2-0,1
1 +0,1
5,08
7,18
SSSSSUBMINIA
UBMINIA
UBMINIA
UBMINIA
UBMINIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No.
Holder / No.
Holder / No.
Holder / No.
Holder / No. 560
560
560
560
560 PC Mount,
PC Mount,
PC Mount,
PC Mount,
PC Mount,
for
for
for
for
for TR5
TR5
TR5
TR5
TR5®®®®®/TE5
/TE5
/TE5
/TE5
/TE5®®®®® Fuses
Fuses
Fuses
Fuses
Fuses
Packaging
Packaging
Packaging
Packaging
Packaging
000
bulk (1000 pcs.)
Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 7.18 mm pin spacing
Materials
Materials
Materials
Materials
Materials
Holder:
Black Thermoplastic, UL94 V-0
Polyamide PA 6.6
Metal parts:
Copper alloy; solderable
tinned
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Rated Voltage:
250 V
Max. Current/Power: 6.3 A/1.6 W
Solderability
Solderability
Solderability
Solderability
Solderability
max. 260 ºC, 10 s (Wave)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.1 mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.63 g
Holder / No. 559
559
559
559
559
PC
PC
PC
PC
PC Mount,
Mount,
Mount,
Mount,
Mount,
for TR5
for TR5
for TR5
for TR5
for TR5®®®®®/TE5
/TE5
/TE5
/TE5
/TE5®®®®® Fuses
Fuses
Fuses
Fuses
Fuses
leadfree
leadfree
leadfree
leadfree
leadfree
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
1
bulk (1000 pcs.)
0
bulk (500 pcs.)
Order
Number
Order
Number
Order
Number
Order
Number
Order
Number
Holder
No. 560 0000 13 1
Holder
No. 560 0000 10 0
Holder
No. 560 0000 10 1
Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 5.08 mm pin spacing
Materials
Materials
Materials
Materials
Materials
Holder:
Thermoplastic, UL 94 V-0
Polyester PCT
Metal parts: Copper alloy; solderable tinned
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Rated Voltage:
250 V
Max. Current/Power: 6.3 A/1.6 W
Solderability
Solderability
Solderability
Solderability
Solderability
max. 280 ºC, 10 s (Wave)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.1 mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0,4 g
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
Holes in PCB
“A”
“A”
“A”
“A”
“A”
code height
code height
code height
code height
code height
3.0 mm
13
4.3 mm
10
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
code height
code height
code height
code height
code height Packaging
Packaging
Packaging
Packaging
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
560
0000
Specifications are subject
to change without notice
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Packaging
Packaging
Packaging
Packaging
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
559
0000
000
Specifications are subject
to change without notice
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
www.wickmanngroup.com
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further infos see:
Further infos see:
Further infos see:
Further infos see:
Further infos see:
www.wickmanngroup.com
Further application infos see
Further application infos see
Further application infos see
Further application infos see
Further application infos see
Fuseology:
Fuseology:
Fuseology:
Fuseology:
Fuseology:
www.wickmanngroup.com/download/
fuseology.pdf


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
562SUBMINIATURE FUSEHOLDERS 1 Littelfuse
570SUBMINIATURE FUSEHOLDERS 1 Littelfuse
601MINIATURE FUSEHOLDERS 1 Littelfuse
TCUT1200X01Subminiature Dual Channel Optical Sensor with Phototransistor Output 1 2 3 4 5 MoreVishay Siliconix
GP1S29Subminiature Photointerrupter 1 2 3 4 Sharp Electrionic Components
QEB363SUBMINIATURE PLASTIC INFRARED EMITTING DIODE 1 2 3 4 Fairchild Semiconductor
DN10-26SDN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS 1 2 3 4 5 MoreHirose Electric
CX06Subminiature Leaded Solid Tantalum Capacitors 1 2 3 Vishay Siliconix
AZ957SUBMINIATURE PC BOARD RELAY 1 2 List of Unclassifed Manufacturers
GP1S20SUBMINIATURE PHOTOINTERRUPTER 1 2 3 4 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn