Electronic Components Datasheet Search |
|
5082-B03G-K0000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
5082-B03G-K0000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 8 page 7 Electrical/Optical Characteristics at TA = 25˚C Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment IV 2000 3200 µcd IF = 10 mA (Digit Average) 3200 4500 All Devices Forward Voltage/Segment or DP VF 1.80 2.20 2.60 V IF = 20 mA Peak Wavelength λPEAK 568 nm IF = 20 mA Dominant Wavelength λd 573 nm IF = 20 mA Luminous Intensity IV-M 2:1 IF = 10 mA Matching Ratio Reverse Current IR 100 µAVR = 5 V Notes: 1. Typical specification for reference only. Do not exceed absolute maximum ratings. 2. The dominant wavelength, λd, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. Absolute Maximum Ratings Description Green Units Average Power per Segment or DP 65 mW Peak Forward Current per Segment or DP 100 mA DC Forward Current per Segment or DP 25 mA Operating Temperature Range –40 to +105 ˚C Storage Temperature Range –40 to +105 ˚C Reverse Voltage per Segment or DP 5 V Wavesoldering Temperature for 3 seconds 2 mm below body 250 ˚C Note: 1. Derate above 40˚C at 0.33 mA/˚C for green. B01G, B02G, B03G, B04G B05G, B06G, B07G, B08G, B09G, B10G Intensity Bin Limits ( µcd at 10 mA) Device Series HDSP- B01G, B02G, B03G, B04G B05G, B06G, B07G, B08G, B09G, B10G Bin Name Min.[1] Max.[1] Min.[1] Max.[1] K 2000 3200 NA NA L 3200 5050 3200 5050 M NA NA 5050 8000 Note: 1. Tolerance for each bin limit is ±10%. Color Categories (Tolerance ± 1 nm) Rank Symbol Hue Range Unit 2 2 573.5–576.5 nm 3 3 570.5–573.5 nm |
Similar Part No. - 5082-B03G-K0000 |
|
Similar Description - 5082-B03G-K0000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |