Electronic Components Datasheet Search |
|
AAT4290 Datasheet(PDF) 3 Page - Advanced Analogic Technologies |
|
AAT4290 Datasheet(HTML) 3 Page - Advanced Analogic Technologies |
3 / 12 page Absolute Maximum Ratings 1 Notes: 1: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional conditions at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2: Human body model is a 100pF capacitor discharged through a 1.5k Ω resistor to each pin. Thermal Characteristics Note 3: Mounted on the board. Note 4: Derate 4.4mW/°C above 25°C. Symbol Description Value Units θ JA Thermal Resistance 3 225 °C/W P D Maximum Power Dissipation (T A = 25°C) 4 440 mW Symbol Description Value Units V IN IN to GND -0.3 to 6.0 V V OUT OUT to GND -0.3 to V IN + 0.3 V V EN/SET EN/SET to GND -0.3 to 6.0 V I MAX Maximum Continuous Switch Current 250 mA T STORAGE Storage Temperature Range -65 to 150 °C V ESD ESD Rating - HBM 2 4000 V AAT4290/4291 I/O Expander Load Switches with Serial Control 4290.2005.01.1.0 3 |
Similar Part No. - AAT4290 |
|
Similar Description - AAT4290 |