Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40E-1C-38.0 Datasheet(PDF) 11 Page - Littelfuse

Part # 40E-1C-38.0
Description  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

40E-1C-38.0 Datasheet(HTML) 11 Page - Littelfuse

Back Button 40E-1C-38.0 Datasheet HTML 4Page - Littelfuse 40E-1C-38.0 Datasheet HTML 5Page - Littelfuse 40E-1C-38.0 Datasheet HTML 6Page - Littelfuse 40E-1C-38.0 Datasheet HTML 7Page - Littelfuse 40E-1C-38.0 Datasheet HTML 8Page - Littelfuse 40E-1C-38.0 Datasheet HTML 9Page - Littelfuse 40E-1C-38.0 Datasheet HTML 10Page - Littelfuse 40E-1C-38.0 Datasheet HTML 11Page - Littelfuse 40E-1C-38.0 Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
71
E Rated Potential Transformer Fuses
Current Limiting
1E-5PT-4.8
2E-5PT-4.8
1E-4PT-2.4
2E-4PT-2.4
1/2E-6PT-5.5
1E-6PT-5.5
2E-6PT-5.5
3E-6PT-5.5
5E-6PT-5.5
1/2E-8PT-5.5
1E-8PT-5.5
2E-8PT-5.5
3E-8PT-5.5
5E-8PT-5.5
10E-8PT-5.5
1E-6PT-2.75
2E-6PT-2.75
3E-6PT-2.75
1E-8PT-2.75
2E-8PT-2.75
3E-8PT-2.75
Catalog
Number
3E-4PT-6
5E-4PT-6
7E-4PT-6
10E-4PT-6
A
B
Old
Catalog
Number
Size
3E
5E
7E
10E
Length
Dim. A
(inches)
4.625
4.625
4.625
4.625
Diameter
Dim. B
(inches)
0.8125
0.8125
0.8125
0.8125
Max
Interrupting
Rating
RMS (Asym)
62,500
62,500
62,500
62,500
E
PT
LCD 1E-4
LCD 2E-4
1E
2E
4.625
4.625
0.8125
0.8125
40,000
40,000
1E
2E
3E
1E
2E
3E
7.375
7.375
7.375
9.5
9.5
9.5
1.625
1.625
1.625
1.625
1.625
1.625
37,500
37,500
37,500
50,000
50,000
50,000
LCE 1E-4
LCE 2E-4
1E
2E
5.5
5.5
0.8125
0.8125
50,000
50,000
LCQ .5E
LCQ 1E
LCQ 2E
LCQ 3E
LCQ 5E
LCQ 10E
1/2E
1E
2E
3E
5E
1/2E
1E
2E
3E
5E
10E
7.375
7.375
7.375
7.375
7.375
9.5
9.5
9.5
9.5
9.5
9.5
1.625
1.625
1.625
1.625
1.625
1.625
1.625
1.625
1.625
1.625
1.625
37,500
37,500
37,500
37,500
37,500
37,500
37,500
37,500
37,500
37,500
37,500
1/2E-8PT-8.25
1E-8PT-8.25
2E-8PT-8.25
3E-8PT-8.25
1/2E
1E
2E
3E
9.5
9.5
9.5
9.5
1.625
1.625
1.625
1.625
50,000
50,000
50,000
50,000
1/2E-11PT-15.5
1E-11PT-15.5
2E-11PT-15.5
3E-11PT-15.5
3E-16PT-15.5
5E-16PT-15.5
LCT .5E
LCT 1E
LCT 2E
LCT 3E
1/2E
1E
2E
3E
3E
5E
12.875
12.875
12.875
12.875
17.5
17.5
1.625
1.625
1.625
1.625
1.625
1.625
80,000
80,000
80,000
80,000
80,000
80,000
1/2E-16PT-25.5
1E-16PT-25.5
LCJ 1E-4
LCJ 2E-4
1/2E
1E
17.5
17.5
1.625
1.625
43,500
43,500
Potential Transformer (PT) fuses are current limiting fuses
with high interrupting ratings designed for the protection of
potential transformers.
Application Note:
When applying fuses for the protection of transformers,
the magnetizing current inrush must be considered. The
characteristics of the inrush, which can be matched with
a fuse’s time-current curve, should be available from the
transformer manufacturer.
CHARACTERISTICS
Voltage Rating: 600VAC – 25,500 VAC
Current Range: 1/2E – 10E
Previous
Next


Similar Part No. - 40E-1C-38.0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
40E-1C-38.0 LITTELFUSE-40E-1C-38.0 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
More results

Similar Description - 40E-1C-38.0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com