Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5709VZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FMM5709VZ
Description  K/ Ka Band Low Noise Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5709VZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FMM5709VZ Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NOISE FIGURE, ASSOCIATED GAIN
vs. TEMPERATURE
VDD=3V
VDD=3V
P1dB, G1dB vs. TEMPERATURE
5
K / Ka Band Low Noise Amplifier MMIC
FMM5709VZ
7
8
9
10
11
12
13
14
15
16
17
18
19
20
-50
-25
0
25
50
75
100
Temperature [
℃]
4
6
8
10
12
14
16
18
20
22
24
26
28
30
18GHz
26GHz
32GHz
G1dB
P1dB
1
2
3
4
5
6
7
8
9
-50
-25
0
255075
100
Temperature [
℃]
12
14
16
18
20
22
24
26
28
18GHz
26GHz
32GHz
Gas
NF


Similar Part No. - FMM5709VZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
More results

Similar Description - FMM5709VZ

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4506 TRIQUINT-TGA4506_15 Datasheet
663Kb / 10P
   K Band Low Noise Amplifier
TGA4506 TRIQUINT-TGA4506 Datasheet
124Kb / 9P
   K Band Low Noise Amplifier
TGA1307-EPU TRIQUINT-TGA1307-EPU Datasheet
745Kb / 7P
   Ka Band Low Noise Amplifier
TGA4507-EPU TRIQUINT-TGA4507-EPU Datasheet
200Kb / 9P
   Ka Band Low Noise Amplifier
TGA4508 TRIQUINT-TGA4508 Datasheet
183Kb / 10P
   Ka Band Low Noise Amplifier
TGA1307 TRIQUINT-TGA1307 Datasheet
736Kb / 7P
   Ka Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com