Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT573A Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC74HCT573A
Description  Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT573A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT573A Datasheet HTML 1Page - ON Semiconductor MC74HCT573A Datasheet HTML 2Page - ON Semiconductor MC74HCT573A Datasheet HTML 3Page - ON Semiconductor MC74HCT573A Datasheet HTML 4Page - ON Semiconductor MC74HCT573A Datasheet HTML 5Page - ON Semiconductor MC74HCT573A Datasheet HTML 6Page - ON Semiconductor MC74HCT573A Datasheet HTML 7Page - ON Semiconductor MC74HCT573A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HCT573A
http://onsemi.com
5
SWITCHING WAVEFORMS
3.0 V
GND
tf
tr
INPUT D
Q
0.3 V
1.3 V
2.7 V
10%
1.3 V
90%
tTLH
tPLH
tPHL
tTHL
OUTPUT
ENABLE
Q
Q
1.3 V
1.3 V
1.3 V
90%
10%
tPZL
tPLZ
tPZH
tPHZ
3.0 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
Figure 1.
Figure 2.
Figure 3.
Figure 4.
3.0 V
GND
1.3 V
1.3 V
LATCH
ENABLE
tPLH
tPHL
Q
tw
Figure 5. Test Circuit
Figure 6. Test Circuit
EXPANDED LOGIC DIAGRAM
D
LE
Q
D0
2
19
Q0
D
LE
Q
D1
3
18
Q1
D
LE
Q
D2
4
17
Q2
D
LE
Q
D3
5
16
Q3
D
LE
Q
D4
6
15
Q4
D
LE
Q
D5
7
14
Q5
D
LE
Q
D6
8
13
Q6
D
LE
Q
D7
9
12
Q7
LATCH ENABLE
OUTPUT ENABLE
11
1
3.0 V
GND
3.0 V
GND
1.3 V
1.3 V
VALID
tSU
th
INPUT D
LATCH
ENABLE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn