Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT573A Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74HCT573A
Description  Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT573A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT573A Datasheet HTML 1Page - ON Semiconductor MC74HCT573A Datasheet HTML 2Page - ON Semiconductor MC74HCT573A Datasheet HTML 3Page - ON Semiconductor MC74HCT573A Datasheet HTML 4Page - ON Semiconductor MC74HCT573A Datasheet HTML 5Page - ON Semiconductor MC74HCT573A Datasheet HTML 6Page - ON Semiconductor MC74HCT573A Datasheet HTML 7Page - ON Semiconductor MC74HCT573A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HCT573A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
Symbol
Parameter
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input D to Output Q
(Figures 1 and 5)
30
38
45
ns
tPLH
tPHL
Maximum Propagation Delay, Latch Enable to Q
(Figures 2 and 5)
30
38
45
ns
TPLZ,
TPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
28
35
42
ns
tTZL,
tTZH
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
28
35
42
ns
tTLH,
tTHL
Maximum Output Transition Time, any Output
(Figures 1 and 5)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance
(Output in High–Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Enabled Output)*
48
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
– 55 to 25
_C
v 85_C
v 125_C
Symbol
Parameter
Fig.
Min
Max
Min
Max
Min
Max
Unit
tsu
Minimum Setup Time, Input D to Latch Enable
4
10
13
15
ns
th
Minimum Hold Time, Latch Enable to Input D
4
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Latch Enable
2
15
19
22
ns
tr, tf
Maximum Input Rise and Fall Times
1
500
500
500
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn