Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT541A Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74HCT541A
Description  Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT541A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT541A Datasheet HTML 1Page - ON Semiconductor MC74HCT541A Datasheet HTML 2Page - ON Semiconductor MC74HCT541A Datasheet HTML 3Page - ON Semiconductor MC74HCT541A Datasheet HTML 4Page - ON Semiconductor MC74HCT541A Datasheet HTML 5Page - ON Semiconductor MC74HCT541A Datasheet HTML 6Page - ON Semiconductor MC74HCT541A Datasheet HTML 7Page - ON Semiconductor MC74HCT541A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HCT541A
http://onsemi.com
4
PIN DESCRIPTIONS
INPUTS
A1, A2, A3, A4, A5, A6, A7, A8 (PINS 2, 3, 4, 5, 6, 7, 8,
9) — Data input pins. Data on these pins appear in
non–inverted form on the corresponding Y outputs, when
the outputs are enabled.
CONTROLS
OE1, OE2 (PINS 1, 19) — Output enables (active–low).
When a low voltage is applied to both of these pins, the
outputs are enabled and the device functions as a
non–inverting buffer. When a high voltage is applied to
either input, the outputs assume the high impedance state.
OUTPUTS
Y1, Y2, Y3, Y4, Y5, Y6, Y7, Y8 (PINS 18, 17, 16, 15, 14,
13, 12, 11) — Device outputs. Depending upon the state of
the
output
enable
pins,
these
outputs
are
either
non–inverting outputs or high–impedance outputs.
LOGIC DETAIL
VCC
To 7 Other
Buffers
One of Eight
Buffers
INPUT A
OE1
OE2
OUTPUT Y


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn