Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9583403VXX Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # 5962F9583403VXX
Description  Quad Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962F9583403VXX Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  5962F9583403VXX Datasheet HTML 1Page - Aeroflex Circuit Technology 5962F9583403VXX Datasheet HTML 2Page - Aeroflex Circuit Technology 5962F9583403VXX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962F9583403VXX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962F9583403VXX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962F9583403VXX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962F9583403VXX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962F9583403VXX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962F9583403VXX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ABSOLUTE MAXIMUM RATINGS1
(Referenced to V
SS)
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device
at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability and performance.
2. Maximum junction temperature may be increased to +175
°C during burn-in and steady-static life.
3. Test per MIL-STD-883, Method 1012.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
VDD
DC supply voltage
-0.3 to 6.0V
V
I/O
Voltage on any pin
-0.3 to (V
DD + 0.3V)
TSTG
Storage temperature
-65 to +150
°C
PD
Maximum power dissipation
1.25 W
T
J
Maximum junction temperature
2
+150
°C
Θ
JC
Thermal resistance, junction-to-case
3
10
°C/W
II
DC input current
±10mA
SYMBOL
PARAMETER
LIMITS
VDD
Positive supply voltage
4.5 to 5.5V
TC
Case temperature range
-55 to +125
°C
VIN
DC input voltage, receiver inputs
DC input voltage, logic inputs
2.4V
0 to V
DD for EN, EN


Similar Part No. - 5962F9583403VXX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9581304QCC INTERSIL-5962F9581304QCC Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
5962F9581304QCC RENESAS-5962F9581304QCC Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
5962F9581304QXC INTERSIL-5962F9581304QXC Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
5962F9581304QXC RENESAS-5962F9581304QXC Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
5962F9581304V9A INTERSIL-5962F9581304V9A Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
More results

Similar Description - 5962F9583403VXX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Texas Instruments
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
[Old version datasheet]   Quad CMOS Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
[Old version datasheet]   Quad CMOS Receiver
logo
Analog Devices
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
logo
National Semiconductor ...
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
   Quad CMOS Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com