Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT374A Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC74HCT374A
Description  Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT374A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT374A Datasheet HTML 1Page - ON Semiconductor MC74HCT374A Datasheet HTML 2Page - ON Semiconductor MC74HCT374A Datasheet HTML 3Page - ON Semiconductor MC74HCT374A Datasheet HTML 4Page - ON Semiconductor MC74HCT374A Datasheet HTML 5Page - ON Semiconductor MC74HCT374A Datasheet HTML 6Page - ON Semiconductor MC74HCT374A Datasheet HTML 7Page - ON Semiconductor MC74HCT374A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HCT374A
http://onsemi.com
5
SWITCHING WAVEFORMS
Figure 1.
tr
tf
VCC
GND
tTHL
tTLH
90%
1.3 V
10%
2.7 V
1.3 V
0.3 V
CLOCK
tPLH
tPHL
Q
tw
1/fmax
1.3 V
1.3 V
1.3 V
OUTPUT
ENABLE
Q
tPZL
tPLZ
tPZH tPHZ
10%
90%
3 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
1.3 V
DATA
CLOCK
3 V
3 V
GND
GND
VALID
th
tsu
1.3 V
Figure 2.
Figure 3.
Q
TEST CIRCUITS
Figure 4.
EXPANDED LOGIC DIAGRAM
C
D0
D1
D2
D3
D4
D5
D6
D7
3478
13
14
17
18
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
2569
12
15
16
19
DQ
CLOCK
OUTPUT
ENABLE
11
1
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH
1 k
Figure 5.
C
DQ
C
DQ
C
DQ
C
DQ
C
DQ
C
DQ
C
DQ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn