Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT374A Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74HCT374A
Description  Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT374A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT374A Datasheet HTML 1Page - ON Semiconductor MC74HCT374A Datasheet HTML 2Page - ON Semiconductor MC74HCT374A Datasheet HTML 3Page - ON Semiconductor MC74HCT374A Datasheet HTML 4Page - ON Semiconductor MC74HCT374A Datasheet HTML 5Page - ON Semiconductor MC74HCT374A Datasheet HTML 6Page - ON Semiconductor MC74HCT374A Datasheet HTML 7Page - ON Semiconductor MC74HCT374A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 8
1
Publication Order Number:
MC74HCT374A/D
MC74HCT374A
Octal 3-State Noninverting
D Flip-Flop with
LSTTL-Compatible Inputs
High–Performance Silicon–Gate CMOS
The MC74HCT374A may be used as a level converter for
interfacing TTL or NMOS outputs to High–Speed CMOS inputs.
The HCT374A is identical in pinout to the LS374.
Data meeting the setup and hold time is clocked to the outputs with
the rising edge of Clock. The Output Enable does not affect the state of
the flip–flops, but when Output Enable is high, the outputs are forced
to the high–impedance state. Thus, data may be stored even when the
outputs are not enabled.
The HCT374A is identical in function to the HCT574A, which has
the input pins on the opposite side of the package from the output pins.
This device is similar in function to the HCT534A, which has
inverting outputs.
Output Drive Capability: 15 LSTTL Loads
TTL/NMOS–Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 µA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 276 FETs or 69 Equivalent Gates
Improvements over HCT374
— Improved Propagation Delays
— 50% Lower Quiescent Power
— Improved Input Noise and Latchup Immunity
http://onsemi.com
MARKING
DIAGRAMS
1
20
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
SOIC WIDE–20
DW SUFFIX
CASE 751D
HCT374A
AWLYYWW
PDIP–20
N SUFFIX
CASE 738
1
20
MC74HCT374AN
AWLYYWW
TSSOP–20
DT SUFFIX
CASE 948G
1
20
1
20
1
20
Device
Package
Shipping
ORDERING INFORMATION
MC74HCT374AN
PDIP–20
1440 / Box
MC74HCT374ADW
SOIC–WIDE
38 / Rail
MC74HCT374ADWR2
SOIC–WIDE
1000 / Reel
MC74HCT374ADT
TSSOP–20
75 / Rail
MC74HCT374ADTR2
TSSOP–20
2500 / Reel
HCT
374A
ALYW
1
20


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn