Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THAT380G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # THAT380G
Description  Low-Noise Matched Transistor Array ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT380G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  THAT380G Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT380G Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT380G Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT380G Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT380G Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 4
THAT300 Series Transistor Arrays
SPECIFICATIONS1 (Cont’d)
PNP Electrical Characteristics2
Parameter
Symbol
Conditions
Min
Typ
Max
Units
PNP Current Gain
hfe
VCB =10V
IC =1mA
50
75
IC =10
mA75
PNP Current Gain Matching
Dhfe
VCB =10V,IC =1 mA
5
%
PNP Noise Voltage Density
eN
VCB =10V,IC = 1 mA, 1 kHz
0.75
nV Hz
PNP Gain-Bandwidth Product
fT
IC = 1 mA, VCB = 10 V
325
MHz
PNP
DVBE (THAT320: VBE1-VBE2; VBE3-VBE4) (THAT340: VBE3-VBE4)
VOS
IC =1mA
±0.5
±3mV
IC =10
mA—
±0.5
mV
PNP
DIB (THAT320: IB1-IB2; IB3-IB4) (THAT340: IB3-IB4)
IOS
IC =1mA
±700
±1800
nA
IC =10
mA—
±7
nA
PNP Collector-Base
Leakage Current
ICBO
VCB =25V
–25
pA
PNP Bulk Resistance
rBE
VCB =0V,10
mA< IC<10mA
2
W
PNP Base Spreading Resistance
rbb
VCB =10V,IC =1mA
25
W
PNP Collector Saturation Voltage
VCE(SAT)
IC = 1 mA, IB = 100
mA
–0.05
V
PNP Output Capacitance
COB
VCB =10V,IE = 0 mA, 100 kHz
3
pF
PNP Collector-Collector Capacitance (THAT320: Q1-Q2; Q3-Q4) (THAT340: Q3-Q4)
CCC
VCC = 0 V, 100 kHz
0.6
pF
Information furnished by THAT Corporation is believed to be accurate and reliable. However no responsibility is as-
sumed by THAT Corporation for it’s use nor for any infringements of patents or other rights of third parties which may
result from it’s use.
LIFE SUPPORT POLICY
THAT Corporation products are not designed for use in life support equipment where malfunction of such products
can reasonably be expected to result in personal injury or death. The buyer uses or sells such products for life suport
application at the buyer’s own risk and agrees to hold harmless THAT Corporation from all damages, claims, suits or
expense resulting from such use.
CAUTION: THIS IS AN ESD (ELECTROSTATIC DISCHARGE) SENSITIVE DEVICE.
It can be damaged by the currents generated by electrostatic discharge. Static charge and therefore dangerous volt-
ages can accumulate and discharge without detection causing a loss of function or performance to occur.
The transistors in this device are unprotected in order to maximize performance and flexibility. They are more sen-
sitive to ESD damage than many other ICs which include protection devices at their inputs. Note that all of the pins
(not just the "inputs") are susceptible.
Use ESD preventative measures when storing and handling this device. Unused devices should be stored in conduc-
tive packaging. Packaging should be discharged to the destination socket before the devices are removed. ESD damage
can occur to these devices even after they are installed in a board-level assembly. Circuits should include specific and
appropriate ESD protection.


Similar Part No. - THAT380G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT300S14-U ETC2-THAT300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
More results

Similar Description - THAT380G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT03 AD-MAT03 Datasheet
254Kb / 12P
   Low Noise, Matched Dual PNP Transistor
REV. B
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
   Low Noise, Matched Dual PNP Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
   Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT02 AD-MAT02 Datasheet
264Kb / 12P
   Low Noise, Matched Dual Monolithic Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
   Low-noise, matched dual monolithic transistor
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
   Low Noise, Matched Dual Monolithic Transistor
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
   Low Noise, Matched Dual PNP Transistor
logo
List of Unclassifed Man...
THAT120 ETC1-THAT120 Datasheet
43Kb / 2P
   Quad Low-Noise PNP Transistor Array
THAT140 ETC-THAT140 Datasheet
49Kb / 4P
   Quad Low-Noise NPN / PNP Transistor Array
logo
Infineon Technologies A...
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com