Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THAT300S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # THAT300S
Description  Low-Noise Matched Transistor Array ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT300S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  THAT300S Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT300S Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT300S Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT300S Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT300S Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
600041 Rev B
Page 5
1613u
0
95.5
286.5
477.5
668.5
-95.5
-286.5
-477.5
-668.5
90u
90u
Figure 7. Die dimensions
0.750±0.004
(19.05±0.10)
0.25±.004
(6.35±0.10)
0.30 ±0.02
(7.62 ±0.5)
0.060
(1.52)
0.075
(1.91)
0.10 Typ.
(2.54)
0.018
(0.46)
0.125±0.004
(3.18±0.10)
Typ.
1
0.010
(0.25)
Note:
JA = 100 °C / W
q
Figure 5. Dual-In-Line Package Outline
0.050
(1.27)
Typ
0.245
(6.2)
Max
0.157
(3.99)
Max
0.018 (0.46)
Max
0.344 (8.74)
Max
0.069
(1.75)
Max
0.010
(0.25)
Max
1
Note:
JA = 100 °C / W
q
Figure 6. Surface-Mount Package Outline


Similar Part No. - THAT300S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT300S14-U ETC2-THAT300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
More results

Similar Description - THAT300S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT03 AD-MAT03 Datasheet
254Kb / 12P
   Low Noise, Matched Dual PNP Transistor
REV. B
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
   Low Noise, Matched Dual PNP Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
   Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT02 AD-MAT02 Datasheet
264Kb / 12P
   Low Noise, Matched Dual Monolithic Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
   Low-noise, matched dual monolithic transistor
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
   Low Noise, Matched Dual Monolithic Transistor
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
   Low Noise, Matched Dual PNP Transistor
logo
List of Unclassifed Man...
THAT120 ETC1-THAT120 Datasheet
43Kb / 2P
   Quad Low-Noise PNP Transistor Array
THAT140 ETC-THAT140 Datasheet
49Kb / 4P
   Quad Low-Noise NPN / PNP Transistor Array
logo
Infineon Technologies A...
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com