Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA600TM Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA600TM
Description  Fast-Settling Wideband OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA600TM Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA600TM Datasheet HTML 1Page - Burr-Brown (TI) OPA600TM Datasheet HTML 2Page - Burr-Brown (TI) OPA600TM Datasheet HTML 3Page - Burr-Brown (TI) OPA600TM Datasheet HTML 4Page - Burr-Brown (TI) OPA600TM Datasheet HTML 5Page - Burr-Brown (TI) OPA600TM Datasheet HTML 6Page - Burr-Brown (TI) OPA600TM Datasheet HTML 7Page - Burr-Brown (TI) OPA600TM Datasheet HTML 8Page - Burr-Brown (TI) OPA600TM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MECHANICAL
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
.963
.980
24.46
24.89
B
.760
.805
19.30
20.45
C
.175
.190
4.45
4.83
D
.014
.022
0.36
0.56
G
.100 BASIC
2.54 BASIC
H
.135
.155
3.43
3.94
K
.230
.270
5.84
6.86
L
.600 BASIC
15.24 BASIC
R
.095
.115
2.41
2.92
M Package — 16-Pin
NOTE: Leads in true
position within 0.01"
(0.25mm) R at MMC at
seating plane.
Pin numbers shown
for reference only.
B
A
Denotes Pin 1
C
K
D
G
R
H
18
16
9
L
Seating
Plane
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, +V
CC to –VCC ............................................................. ±17V
Power Dissipation, At T
CASE +125°C
(2) ................................................ 1.6W
Input Voltage: Differential ....................................................................
±V
CC
Common-Mode ............................................................
±V
CC
Output Short Circuit Duration to Common ........................................... <5s
Temperature: pin (soldering, 20s) .................................................. +300
°C
Junction(1) ,T
J ........................................................... +175°C
Temperature Range: Storage ......................................... –65
°C to +150°C
Operating (case) ........................... –55
°C to +125°C
NOTES: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability. (2) Long term
operation at the maximum junction temperature will result in reduced product life.
Derate internal power dissipation to achieve high MTTF.
ORDERING INFORMATION
VOLTAGE
TEMPERATURE
OFFSET
MODEL
RANGE (
°C)
DRIFT (
µV/°C)
OPA600BM
–25 to +85
±80
OPA600CM
–25 to +85
±20
OPA600SM
–55 to +125
±100
OPA600TM
–25 to +125
±20
CONNECTION DIAGRAM
NOTES: (1) Refer to Figure 4 for recommended frequency compensation.
(2) connect pin 9 to pin 12 and connect pin 7 to pin 6 for maximum output
current. See Application Information for further information. (3) Bypass
each power supply lead as close as possible to the amplifier pins. A 1
µF
CS13 tantalum capacitor is recommended. (4)There is no internal conenction.
An external connection may be made. (5) It is recommended that the
amplifier be mounted with the case in contact with a ground plane for good
thermal transfer and optimum AC performance.
–Input
OPA600
C
2
C
1
–V
CC
(3)
10k
16
3
2
11
14
15
12
9
8
7
6
5
4
1
+
Output
+Input
Common
(Case)
5k
5k
Current Boost(2)
Current Boost(2)
+V
CC
(3)
13
+V
CC
Frequency
Compensation(1)
Offset Error
Null (optional)


Similar Part No. - OPA600TM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602AM BURR-BROWN-OPA602AM Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602AM TI-OPA602AM Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602AM2 TI-OPA602AM2 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA602AP BURR-BROWN-OPA602AP Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA600TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Elantec Semiconductor
EL2195 ELANTEC-EL2195 Datasheet
510Kb / 9P
   Wideband Fast Settling Operational Amplifier
logo
Cadeka Microcircuits LL...
KH200 CADEKA-KH200 Datasheet
438Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
logo
Maxim Integrated Produc...
AD3554 MAXIM-AD3554 Datasheet
669Kb / 6P
   WIDEBAND FST-SETTLING OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
   Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com