Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT245A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HCT245A
Description  Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT245A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HCT245A Datasheet HTML 1Page - ON Semiconductor MC74HCT245A Datasheet HTML 2Page - ON Semiconductor MC74HCT245A Datasheet HTML 3Page - ON Semiconductor MC74HCT245A Datasheet HTML 4Page - ON Semiconductor MC74HCT245A Datasheet HTML 5Page - ON Semiconductor MC74HCT245A Datasheet HTML 6Page - ON Semiconductor MC74HCT245A Datasheet HTML 7Page - ON Semiconductor MC74HCT245A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HCT245A
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
Symbol
Parameter
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, A to B or B to A
(Figures 1 and 3)
22
28
33
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Direction or Output Enable to A or B
(Figures 2 and 4)
30
36
42
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to A or 8
(Figures 2 and 4)
30
36
42
ns
tTLH,
tTHL
Maximum Output Transition Time. any Output
(Figures 1 and 3)
12
15
18
ns
Cin
Maximum Input Capacitance (Pin 1 or 19)
10
10
10
pF
Cout
Maximum Three–State I/O Capacitance, (I/O in High–Impedance
State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Enabled Output)*
97
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HCT245A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT245A ONSEMI-MC74HCT245A Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT245A ONSEMI-MC74HCT245A Datasheet
153Kb / 9P
   Octal 3-State Noninverting Bus Transceiver
May, 2011 ??Rev. 12
MC74HCT245ADT ONSEMI-MC74HCT245ADT Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT245ADTG ONSEMI-MC74HCT245ADTG Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT245ADTG ONSEMI-MC74HCT245ADTG Datasheet
153Kb / 9P
   Octal 3-State Noninverting Bus Transceiver
May, 2011 ??Rev. 12
More results

Similar Description - MC74HCT245A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HCT245DTR2G ONSEMI-74HCT245DTR2G Datasheet
105Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs
May, 2007 - Rev. 0
MC74HCT245A ONSEMI-MC74HCT245A_07 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573A ONSEMI-MC74HCT573A_14 Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373ADWR2G ONSEMI-MC74HCT373ADWR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573ADWG ONSEMI-MC74HCT573ADWG Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HCT573A MOTOROLA-MC74HCT573A Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com