Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70210 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT72V70210
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70210 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V70210 Datasheet HTML 1Page - Integrated Device Technology IDT72V70210 Datasheet HTML 2Page - Integrated Device Technology IDT72V70210 Datasheet HTML 3Page - Integrated Device Technology IDT72V70210 Datasheet HTML 4Page - Integrated Device Technology IDT72V70210 Datasheet HTML 5Page - Integrated Device Technology IDT72V70210 Datasheet HTML 6Page - Integrated Device Technology IDT72V70210 Datasheet HTML 7Page - Integrated Device Technology IDT72V70210 Datasheet HTML 8Page - Integrated Device Technology IDT72V70210 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT72V70210 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
DESCRIPTION (CONTINUED):
The IDT72V70210 is capable of switching up to 1,024 x 1,024 channels
without blocking. Designed to switch 64 Kbit/s PCM or N x 64 Kbit/s data, the
devicemaintainsframeintegrityindataapplicationsandminimizesthroughput
delay for voice applications on a per channel basis.
The32serialinputstreams(RX)oftheIDT72V70210canberun2.048Mb/s
allowing 32 channels per 125
µsframe. Thedataratesontheoutputstreams
(TX) are identical to those on the input stream.
With two main operating modes, Processor Mode and Connection Mode,
the IDT72V70210 can easily switch data from incoming serial streams (Data
Memory) or from the controlling microprocessor (Connection Memory). As
controlandstatusinformationiscriticalindatatransmission,theProcessorMode
isespeciallyusefulwhentherearemultipledevicessharingtheinputandoutput
streams.
With data coming from multiple sources and through different paths, data
enteringthedeviceisoftendelayed. Tohandlethisproblem,theIDT72V70210
has a frame evaluation feature to allow individual streams to be offset from the
frame pulse in half clock-cycle intervals up to +4.5 clock cycles.
The IDT72V70210 also provides a JTAG test access port, an internal
loopback feature, memory block programming, a simple microprocessor
interface and automatic ST-BUS®/GCI sensing to shorten setup time, aid in
debugging and ease use of the device without sacrificing capabilities.
FUNCTIONAL DESCRIPTION
DATA AND CONNECTION MEMORY
All data that comes in through the RX inputs go through a serial-to-
parallel conversion before being stored into internal Data Memory. The 8 KHz
framepulse(
F0i)isusedtomarkthe125
µsframeboundariesandtosequentially
address the input channels in Data Memory.
DataoutputontheTXstreamsmaycomefromeithertheSerialInputStreams,
RX0-31, (Data Memory) or from the microprocessor (Connection Memory). In
thecasethatRXinputdataistobeoutput,theaddressesinconnectionmemory
are used to specify a stream and channel of the input. The connection memory
is setup in such a way that each location corresponds to an output channel for
eachparticularstream. Inthatway,morethanonechannelcanoutputthesame
data.
In Processor Mode, the microprocessor writes data to the connection
memory locations corresponding to the stream and channel that is to be
output. The lower half (8 least significant bits) of the connection memory
is output every frame until the microprocessor changes the data or mode
of the channel. By using this Processor Mode capability, the microproces-
sor can access input and output time-slots on a per channel basis.
The four most significant bits of the connection memory are used to control
per channel functions of the out put streams. Specifically, there are bits for
Processor or Connection mode, Constant or Variable delay, enables or
disables of output drivers, and controls for the Loopback function.
If the per channel OE is set to zero, only that particular channel (8-bits) will
beinthehigh-impedancestate. Ifhowever,theODEinputpinislowortheOutput
Standby Bit (OSB) in the Control Register is low, all of the outputs will be in a
high-impedance state even if a particular channel in connection memory has
enabledtheoutputforthatchannel. Inotherwords,theODEpinandOSBcontrol
bit are master output enables for the device (Table 3).
SERIAL DATA INTERFACE TIMING
The master clock frequency must always be twice the data rate. For a serial
data rates of 2.048 Mb/s, the master clock (CLK) must be at 4.096 MHz. The
input and output stream data rates will always be identical.
TheIDT72V70210providestwodifferentinterfacetimingmodes,ST-BUS®
orGCI. TheIDT72V70210automaticallydetectsthepresenceofaninputframe
pulse and identifies it as either ST-BUS® or GCI. In ST-BUS® format, every
second falling edge of the master clock marks a bit boundary and the data is
clocked in on the rising edge of CLK, three quarters of the way into the bit cell.
In GCI format, every second rising edge of the master clock marks the bit
boundary and data is clocked in on the falling edge of CLK at three quarters of
the way into the bit cell.
INPUT FRAME OFFSET SELECTION
Input frame offset selection allows the channel alignment of individual
input streams to be offset with respect to the output stream channel
alignment (i.e.
F0i).Althoughallinputdatacomesinatthesamespeed,delays
can be caused by variable path serial backplanes and variable path lengths
which may be implemented in large centralized and distributed switching
systems. Because data is often delayed this feature is useful in compensating
for the skew between clocks.
Each input stream can have its own delay offset value by programming the
frameinputoffsetregisters(FOR,Table8).Themaximumallowableskewis+4
master clock (CLK) periods forward with a resolution of 1/2 clock period. The
output frame offset cannot be offset or adjusted.
SERIAL INPUT FRAME ALIGNMENT EVALUATION
The IDT72V70210 provides the frame evaluation (FE) input to deter-
mine different data input delays with respect to the frame pulse
F0i.
A measurement cycle is started by setting the start frame evaluation (SFE)
bitlowforatleastoneframe.WhentheSFEbitintheControlRegisterischanged
from low to high, the evaluation starts. Two frames later, the complete frame
evaluation (CFE) bit of the frame alignment register (FAR) changes from low
to high to signal that a valid offset measurement is ready to be read from bits 0
to 11 of the FAR register. The SFE bit must be set to zero before a new
measurement cycle is started.
In ST-BUS® mode, the falling edge of the frame measurement signal (FE)
isevaluatedagainstthefallingedgeoftheST-BUS® framepulse.InGCImode,
therisingedgeofFEisevaluatedagainsttherisingedgeoftheGCIframepulse.
See Table 7 and Figure 1 for the description of the frame alignment register.
MEMORY BLOCK PROGRAMMING
TheIDT72V70210providesuserswiththecapabilityofinitializingtheentire
connectionmemoryblockintwoframes.Tosetbits12to15ofeveryconnection
memory location, first program the desired pattern in bits 5 to 8 of the Control
Register.
The block programming mode is enabled by setting the memory block
program (MBP) bit of the control register high. When the block programming
enable (BPE) bit of the Control Register is set to high, the block programming
data will be loaded into the bits 12 to 15 of every connection memory location.
The other connection memory bits (bit 0 to bit 11) are loaded with zeros. When
thememoryblockprogrammingiscomplete,thedeviceresetstheBPEbittozero.
LOOPBACK CONTROL
Theloopbackcontrol(LPBK)bitofeachconnectionmemorylocationallows
the TX output data to be looped backed internally to the RX input for diagnostic
purposes.
If the LPBK bit is high, the associated TX output channel data is internally
looped back to the RX input channel (i.e., data from TXn channel m routes to
the RXn channel m internally); if the LPBK bit is low, the loopback feature is


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V7326 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16 384 X 16 384 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70840 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V8981 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn