Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70210 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V70210
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70210 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V70210 Datasheet HTML 1Page - Integrated Device Technology IDT72V70210 Datasheet HTML 2Page - Integrated Device Technology IDT72V70210 Datasheet HTML 3Page - Integrated Device Technology IDT72V70210 Datasheet HTML 4Page - Integrated Device Technology IDT72V70210 Datasheet HTML 5Page - Integrated Device Technology IDT72V70210 Datasheet HTML 6Page - Integrated Device Technology IDT72V70210 Datasheet HTML 7Page - Integrated Device Technology IDT72V70210 Datasheet HTML 8Page - Integrated Device Technology IDT72V70210 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT72V70210 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
PIN DESCRIPTION
SYMBOL
NAME
I/O
DESCRIPTION
GND
Ground.
Ground Rail.
VCC
VCC
+3.3 Volt Power Supply.
TX0-31
TX Output 0 to 31
O
Serial data output stream. These streams have a data rate of 2.048 Mb/s.
(Three-state Outputs)
RX0-31
RX Input 0 to 31
I
Serial data input stream. These streams have a data rate of 2.048 Mb/s.
F0i
Frame Pulse
I
This input accepts and automatically identifies frame synchronization signals formatted according to
ST-BUS® and GCI specifications.
FE
Frame Evaluation
I
This pin is the frame measurement input.
CLK
Clock
I
Serial clock for shifting data in/out on the serial streams (RX/TX 0-31). This input accepts a 4.096 MHz clock.
TMS
Test Mode Select
I
JTAG signal that controls the state transitions of the TAP controller. This pin is pulled HIGH by an internal
pull-up when not driven.
TDI
Test Serial Data In
I
JTAG serial test instructions and data are shifted in on this pin. This pin is pulled HIGH by an internal pull-up
when not driven.
TDO
Test Serial Data Out
O
JTAG serial data is output on this pin on the falling edge of TCK. This pin is held in high-impedance state when
JTAG scan is not enabled.
TCK
Test Clock
I
Provides the clock to the JTAG test logic.
TRST
Test Reset
I
Asynchronously initializes the JTAG TAP controller by putting it in the Test-Logic-reset state. This pin is pulled
by an internal pull-up when not driven. This pin should be pulsed LOW on power-up, or held LOW, to ensure
that the IDT72V70210 is in the normal functional mode.
RESET
Device Reset
I
This input (active LOW) puts the IDT72V70210 in its reset state that clears the device internal counters,
(Schmitt Trigger Input)
registers and brings TX0-31 and microport data outputs to a high-impedance state. The time constant for a
power up reset circuit must be a minimum of five times the rise time of the power supply. In normal operation,
the
RESET pin must be held LOW for a minimum of 100ns to reset the device.
DS
Data Strobe
I
This active LOW input works in conjunction with
CS to enable the read and write operations.
R/
W
Read/Write
I
This input controls the direction of the data bus lines during a microprocessor access.
CS
Chip Select
I
Active LOW input used by a microprocessor to activate the microprocessor port of IDT72V70210.
A0-11
Address Bus 0 to 11
I
These pins allow direct access to Connection Memory, Data Memory and internal control registers.
D0-15
Data Bus 0-15
I/O These pins are the data bits of the microprocessor port.
DTA
Data Transfer
O
This active LOW signal indicates that a data bus transfer is complete. When the bus cycle ends, this pin drives
Acknowledgment
HIGH and then goes high-impedance, allowing for faster bus cycles with a weaker pull-up resistor. A pull-up
resistor is required to hold a HIGH level when the pin is in high-impedance.
ODE
Output Drive Enable
I
This is the output enable control for the TX0-31 serial outputs. When ODE input is LOW and the OSB bit of
the CR register is LOW, TX0-31 are in a high-impedance state. If this input is HIGH, the TX0-31 output
drivers are enabled. However, each channel may still be put into a high-impedance state by using the per
channel control bit in the connection memory.
IC
Internal Connection
I
This pin tied to Ground for normal/JTAG operations


Similar Part No. - IDT72V70210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
IDT72V70210DAG RENESAS-IDT72V70210DAG Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
More results

Similar Description - IDT72V70210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V70810 RENESAS-72V70810 Datasheet
782Kb / 24P
   3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JUNE 9, 2014
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
logo
Integrated Device Techn...
IDT72V70810 IDT-IDT72V70810 Datasheet
149Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com