Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70210 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT72V70210
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V70210 Datasheet(HTML) 3 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT72V70210 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
TX11
TX10
GND
TX9
TX8
VCC
RX15
RX14
RX13
RX12
RX11
RX10
RX9
RX8
GND
TX7
TX6
TX5
TX4
GND
TX3
TX2
TX1
TX0
GND
RX7
RX6
RX5
RX4
RX3
RX2
RX1
RX0
VCC
TX24
TX25
GND
TX26
TX27
TX28
TX29
GND
TX30
TX31
D0
D1
GND
D2
D3
D4
D5
GND
D6
D7
VCC
D08
D09
GND
D10
D11
VCC
D12
D13
GND
D14
D15
5714 drw 03
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
VCC
VCC
VCC
VCC
VCC
VCC
TQFP: 0.50mm pitch, 20mm x 20mm (DA144-1, order code: DA)
TOP VIEW
NOTE:
1. All I/O pins are 5V tolerant except for TMS, TDI and
TRST.
PIN CONFIGURATIONS (CONTINUED)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn