Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2309NZ Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2309NZ
Description  Nine-Output 3.3V Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309NZ Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2309NZ Datasheet HTML 1Page - Cypress Semiconductor CY2309NZ Datasheet HTML 2Page - Cypress Semiconductor CY2309NZ Datasheet HTML 3Page - Cypress Semiconductor CY2309NZ Datasheet HTML 4Page - Cypress Semiconductor CY2309NZ Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CY2309NZ
Document #: 38-07182 Rev. *C
Page 2 of 5
Maximum Ratings
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Input Voltage (Except REF) ............–0.5V to VDD + 0.5V
DC Input Voltage REF......................................... –0.5V to 7V
Storage Temperature ................................. –65
°C to +150°C
Junction Temperature ................................................. 150
°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................ >2,000V
Operating Conditions for Commercial and Industrial Temperature Devices
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
(Ambient Operating Temperature) Commercial
0
70
°C
(Ambient Operating Temperature) Industrial
–40
85
°C
CL
Load Capacitance, Fout < 100 MHz
30
pF
Load Capacitance,100 MHz < Fout < 133.33 MHz
15
pF
CIN
Input Capacitance
7
pF
BUF_IN, SDRAM [1:9] Operating Frequency
DC
133.33
MHz
tPU
Power-up time for all VDDs to reach minimum specified
voltage (power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for Commercial and Industrial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage[1]
0.8
V
VIH
Input HIGH Voltage[1]
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
µA
IIH
Input HIGH Current
VIN = VDD
100.0
µA
VOL
Output LOW Voltage[2]
IOL = 8 mA
0.4
V
VOH
Output HIGH Voltage[2]
IOH = –8 mA
2.4
V
IDD
Supply Current
Unloaded outputs at 66.66 MHz
32
mA
Switching Characteristics for Commercial and Industrial Temperature Devices[3]
Parameter
Name
Description
Min.
Typ.
Max.
Unit
Duty Cycle[2] = t2 ÷ t1
Measured at 1.4V
40.0
50.0
60.0
%
t3
Rise Time[2]
Measured between 0.8V and 2.0V
1.50
ns
t4
Fall Time[2]
Measured between 0.8V and 2.0V
1.50
ns
t5
Output to Output Skew[2]
All outputs equally loaded
250
ps
t6
Propagation Delay, BUF_IN
Rising Edge to OUTPUT
Rising Edge[2]
Measured at VDD/2
1
5
9.2
ns
Switching Waveforms
Notes:
1. BUF_IN input has a threshold voltage of VDD/2.
2. Parameter is guaranteed by design and characterization. It is not 100% tested in production.
3. All parameters specified with loaded outputs.
Duty Cycle Timing
t1
t2
1.4V
1.4V
1.4V


Similar Part No. - CY2309NZ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
CY2309NZSC-1H CYPRESS-CY2309NZSC-1H Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
CY2309NZSC-1HT CYPRESS-CY2309NZSC-1HT Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
CY2309NZSXC-1H CYPRESS-CY2309NZSXC-1H Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
CY2309NZSXC-1HT CYPRESS-CY2309NZSXC-1HT Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
More results

Similar Description - CY2309NZ

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
logo
Alliance Semiconductor ...
ASM2P2309NZ ALSC-ASM2P2309NZ Datasheet
398Kb / 9P
   Nine Output 3.3V Buffer
ASM5P2309NZ ALSC-ASM5P2309NZ Datasheet
392Kb / 9P
   Nine Output 3.3V Buffer
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ_08 Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
logo
Renesas Technology Corp
IDT2309NZ RENESAS-IDT2309NZ Datasheet
292Kb / 6P
   NINE OUTPUT 3.3V CLOCK BUFFER
MAY 2010
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
IDT2309NZ IDT-IDT2309NZ Datasheet
47Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305NZ RENESAS-IDT2305NZ Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
IDT2305NZ IDT-IDT2305NZ Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
IDT2305NZ IDT-IDT2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com