Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS195 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AS195
Description  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS195 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AS195 Datasheet HTML 1Page - Texas Instruments SN74AS195 Datasheet HTML 2Page - Texas Instruments SN74AS195 Datasheet HTML 3Page - Texas Instruments SN74AS195 Datasheet HTML 4Page - Texas Instruments SN74AS195 Datasheet HTML 5Page - Texas Instruments SN74AS195 Datasheet HTML 6Page - Texas Instruments SN74AS195 Datasheet HTML 7Page - Texas Instruments SN74AS195 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SDAS138B – DECEMBER 1983 – REVISED JANUARY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
SRG4
2, 3D
4
A
2, 3D
5
B
6
C
7
D
1, 3J
2
J
1, 3K
3
R
1
M1 [SHIFT]
9
M2 [LOAD]
C3/1
14
13
15
12
CLR
QA
QB
QC
QD
10
CLK
SH/LD
K
11
QD
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.


Similar Part No. - SN74AS195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS195 TI1-SN74AS195 Datasheet
145Kb / 9P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
SN74AS195N TI1-SN74AS195N Datasheet
145Kb / 9P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
SN74AS195 TI1-SN74AS195_08 Datasheet
145Kb / 9P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
More results

Similar Description - SN74AS195

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com