Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS195 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AS195
Description  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS195 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AS195 Datasheet HTML 1Page - Texas Instruments SN74AS195 Datasheet HTML 2Page - Texas Instruments SN74AS195 Datasheet HTML 3Page - Texas Instruments SN74AS195 Datasheet HTML 4Page - Texas Instruments SN74AS195 Datasheet HTML 5Page - Texas Instruments SN74AS195 Datasheet HTML 6Page - Texas Instruments SN74AS195 Datasheet HTML 7Page - Texas Instruments SN74AS195 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SDAS138B – DECEMBER 1983 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
20
mA
fclock
Clock frequency
0
70
MHz
t
Pulse duration
CLK high
4
ns
tw
Pulse duration
CLR low
7.2
ns
Data before CLK
3.5
tsu
Setup time
SH/LD before CLK
8
ns
CLR high before CLK
6
th
Hold time
Data after CLK
1
ns
th
Hold time
SH/LD after CLK
0
ns
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.35
0.5
V
II
SH/LD
VCC =5 5V
VI =7V
0.2
mA
II
All others
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
SH/LD
VCC =5 5V
VI =2 7V
40
µA
IIH
All others
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
SH/LD
VCC =5 5V
VI =0 4V
–1
mA
IIL
All others
VCC = 5.5 V,
VI = 0.4 V
– 0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICCH
VCC = 5.5 V
32
51
mA
ICCL
VCC = 5.5 V
36
57
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74AS195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS195 TI1-SN74AS195 Datasheet
145Kb / 9P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
SN74AS195N TI1-SN74AS195N Datasheet
145Kb / 9P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
SN74AS195 TI1-SN74AS195_08 Datasheet
145Kb / 9P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
More results

Similar Description - SN74AS195

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com