Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4046F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SMH4046F
Description  Hot-Swap, Active DC Output Control (ADOCTM) Power Manager with I2C lnterface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMH4046F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SMH4046F Datasheet HTML 5Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 6Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 7Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 8Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 9Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 10Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 11Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 12Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
SMH4046
Preliminary Information
Summit Microelectronics, Inc
2082 1.7 08/23/04
9
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ...................... -55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VCC3/5 Supply Voltage .....................-0.3V to 6.0V
VCC12 Supply Voltage ....................-0.3V to 15.0V
Open Drain Outputs...…………...… GND to 15.0V
All Others ..............................................VDD + 0.7V
Output Short Circuit Current ............................... 100mA
Reflow Solder Temperature (30 secs)................. 240
°C
Lead Solder Temperature (10 secs) …………….300
°C
Junction Temperature.......................…….....…...150°C
ESD Rating per JEDEC…………..………..……..2000V
Latch-Up testing per JEDEC………..……....…
±100mA
Note - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of the specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability. Devices are
ESD sensitive. Handling precautions are recommended.
RECOMMENDED OPERATING CONDITIONS
Temperature Range (Industrial)...........–40
°C to +85°C
(Commercial) ..............0
°C to +70°C
VCC3V Supply Voltage................................. 2.7V to 5V
VCC5V Supply Voltage................................. 2.7V to 6V
VCC12V Supply Voltage… ………..….....6.0V to 14.0V
VIN .......................................................... GND to VCC5
VOUT ...................................................... GND to 15.0V
Package Thermal Resistance (
θJA)
48 Lead TQFP……………………………...…80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention……………………………..….100 Years
Endurance……………………………….100,000 Cycles
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VCC3
Supply Voltage Monitor
Not a supply input
2.7
3.3
5.0
V
VCC5
Supply Voltage
VCC5 must be higher then
any other input except
VCC12 and CARD12V
2.7
5.0
6.0
V
VCC12
Supply Voltage Monitor
Not a supply input
6
12
14
V
VMx
Positive sense voltage for VMA,
VMB and VMC
-0.3
VCC5V
IDD
Power Supply Current
All TRIM pins floating
3
5
mA
TRIMx pin sourcing current
1.5
mA
ITRIM
TRIMA, TRIMB, TRIMC current
TRIMx pin sinking current
1.5
mA
VTRIM
Margin Control and ADOC Range
ITRIM ±1.5mA, Depends on
Trim range of DC-DC
Converter
GND
VCC5V
V
VCC5V = 2.7V
0.9xVCC5V
VCC5V
V
VIH
Input High Voltage
VCC5V = 5.0V
0.7xVCC5V
VCC5V
V
VCC5V = 2.7V
0.1xVCC5V
V
VIL
Input Low Voltage
VCC5V = 5.0V
0.3xVCC5V
V
VOL
Programmable Open Drain Outputs ISINK = 1mA
0.2
V


Similar Part No. - SMH4046F

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

Similar Description - SMH4046F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com