Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4046F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMH4046F
Description  Hot-Swap, Active DC Output Control (ADOCTM) Power Manager with I2C lnterface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMH4046F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMH4046F Datasheet HTML 1Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 2Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 3Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 4Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 5Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 6Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 7Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 8Page - List of Unclassifed Manufacturers SMH4046F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
SMH4046
Preliminary Information
Summit Microelectronics, Inc
2082 1.7 08/23/04
5
PIN DESCRIPTIONS
Symbol
Pin
Type
Description
SCL
1
I
The I
2C serial bus clock.
A2
2
I
An external address bit for I
2C.
HST_RST
3
I
Host reset. This input is the reset signal from the host interface. Asserting this
pin causes a reset sequence to be performed on the card. Programmable
polarity.
HST_PWR
4
I
Host power-up enable. This input provides the host system with active control
over the sequencing of the power up operation. When de-asserted, the
SMH4046 holds the add-in card in reset and blocks all power to the back-end
logic. When HST_PWR is asserted, the power sequencing begins immediately
and the reset output is driven active after the time tPURST. Programmable
polarity.
FS
5
I
Force Shutdown. This programmable active high/low input is used to
immediately turn off all converter enable signals and external FETs.
EXT_TEMP
6
I
This input can be used to sense a voltage generated from an external
temperature monitoring device.
IRQ#
7
O
Active low Interrupt output. Generated by the SMH4046 on an error condition.
This signal can be used by external logic to interrupt the host.
RESET (RST)
8
O
RESET is a programmable active high/low open drain output that is asserted
by the SMH4046 when a programmed reset condition occurs.
FAULT
9
O
FAULT is a programmable active high/low open drain fault output that is
asserted by the SMH4046 when a programmed fault condition occurs.
HEALTHY
10
O
Healthy is a programmable active high/low open drain output that is asserted
by the SMH4046 when all programmed healthy conditions are met.
GND
11
PWR
Ground.
PND1#
12
I
Pin detect 1 is an active low CMOS level input. In conjunction with PND2#,
this signal indicates proper card insertion when taken low. This pin must be
connected to ground on the host side of the connector. PND1# and PND2#
should be placed on opposite corners of the connector and will preferably be
staggered shorter than the power connector pins. Board insertion is assumed
when PND1# and PND2# are low.
PND2#
13
I
Pin detect 2 is an active low CMOS level input. In conjunction with PND1#,
this signal indicates proper card insertion when taken low. This pin must be
connected to ground on the host side of the connector. PND1# and PND2#
should be placed on opposite corners of the connector and will preferably be
staggered shorter than the power connector pins. Board insertion is assumed
when PND1# and PND2# are low.
CARD_V_VLD
14
O
Card voltage valid. This open drain output indicates that the card side voltages
are at or above their respective trip levels. Active high.
VMA
15
I
Positive converter sense line for DC/DC converter A
TRIMA
16
O
Output voltage used to control the output of DC/DC converter A.
TRIM_CAPA
17
I
External sample and hold capacitor input used to set the voltage on the
TRIMA pin.


Similar Part No. - SMH4046F

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

Similar Description - SMH4046F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com