Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4046FC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SMH4046FC
Description  Hot-Swap, Active DC Output Control (ADOCTM) Power Manager with I2C lnterface
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMH4046FC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SMH4046FC Datasheet HTML 7Page - List of Unclassifed Manufacturers SMH4046FC Datasheet HTML 8Page - List of Unclassifed Manufacturers SMH4046FC Datasheet HTML 9Page - List of Unclassifed Manufacturers SMH4046FC Datasheet HTML 10Page - List of Unclassifed Manufacturers SMH4046FC Datasheet HTML 11Page - List of Unclassifed Manufacturers SMH4046FC Datasheet HTML 12Page - List of Unclassifed Manufacturers SMH4046FC Datasheet HTML 13Page - List of Unclassifed Manufacturers SMH4046FC Datasheet HTML 14Page - List of Unclassifed Manufacturers SMH4046FC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
SMH4046
Preliminary Information
Summit Microelectronics, Inc
2082 1.7 08/23/04
11
AC OPERATING CHARACTERISTICS
Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND. See Figure 5A and 5B Timing
diagrams.
Symbol
Description
Conditions
Min
Typ
Max
Unit
tDOCT = 5.5 µs
tDOCT = 8.5 µs
tDOCT = 11.5 µs
tDOCT = 14.5 µs
tDOCT = 17.5 µs
tDOCT = 20.5 µs
tDOCT = 23.5 µs
tDOCT = 26.5 µs
tDOCT = 29.5 µs
tDOCT = 32.5 µs
tDOCT = 35.5 µs
tDOCT = 38.5 µs
tDOCT = 41.5 µs
tDOCT = 44.5 µs
tDOCT = 47.5 µs
tDOCT
Programmable Over Current Trip
Delay Time
tDOCT = 50.5 µs
-15
tDOCT
+15
%
tDPON = 1 ms
tDPON = 20 ms
tDPON = 40 ms
tDPON
Programmable Power-on delay from
VMX out-of-fault to PUPY active
tDPON = 75 ms
-15
tDPON
+15
%
tDPOFF = 1 ms
tDPOFF = 20 ms
tDPOFF = 40 ms
tDPOFF
Programmable Power-off delay from
VMX off to PUPY inactive
tDPOFF = 75 ms
-15
tDPOFF
+15
%
tPRTO = 1 ms
tPRTO = 40 ms
tPRTO = 150 ms
tPRTO
Programmable Reset Time-Out
Period
tPRTO = 300 ms
-15
tPRTO
+15
%
tSTT = 40 ms
tSTT = 75 ms
tSTT = 150 ms
tSTT
Programmable Sequence
Termination Timer
tSTT = 300 ms
-15
tSTT
+15
%
tADC
10-bit ADC sampling period
Time for ADC conversion
of all 11 channels
2
ms
tDC_CONTROL Active DC Control sampling period
Update period for Active
DC Control of channels
A – C
1.7
ms
Slow Margin, + 10%
change in voltage with
0.1% ripple
TRIM_CAP=1
µF
850
ms
TMARGIN
Margin Time from Nominal
Fast Margin, + 10%
change in voltage with
0.1% ripple
TRIM_CAP=1
µF
85
ms


Similar Part No. - SMH4046FC

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

Similar Description - SMH4046FC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com