Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9510A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9510A
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9510A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9510A Datasheet HTML 4Page - NXP Semiconductors PCA9510A Datasheet HTML 5Page - NXP Semiconductors PCA9510A Datasheet HTML 6Page - NXP Semiconductors PCA9510A Datasheet HTML 7Page - NXP Semiconductors PCA9510A Datasheet HTML 8Page - NXP Semiconductors PCA9510A Datasheet HTML 9Page - NXP Semiconductors PCA9510A Datasheet HTML 10Page - NXP Semiconductors PCA9510A Datasheet HTML 11Page - NXP Semiconductors PCA9510A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PCA9510A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 8 September 2005
8 of 23
Philips Semiconductors
PCA9510A
Hot swappable I2C-bus and SMBus bus buffer
8.8 Hot swapping and capacitance buffering application
Figure 7 through Figure 10 illustrate the usage of the PCA9510A in applications that take
advantage of both its hot swapping and capacitance buffering features. In all of these
applications, note that if the I/O cards were plugged directly into the backplane, all of the
backplane and card capacitances would add directly together, making rise time and
fall time requirements difficult to meet. Placing a bus buffer on the edge of each card,
however, isolates the card capacitance from the backplane. For a given I/O card, the
PCA9510A drives the capacitance of everything on the card and the backplane must drive
only the capacitance of the bus buffer, which is less than 10 pF, the connector, trace, and
all additional cards on the backplane.
See
Application Note AN10160, ‘Hot Swap Bus Buffer’ for more information on
applications and technical assistance.
Fig 5.
Bus requirements for 3.3 V systems
Fig 6.
Bus requirements for 5 V systems
Cb (pF)
0
400
300
100
200
002aab582
10
20
30
RPU
(k
Ω)
0
recommended
pull-up
rise time > 300 ns
Rmax = 24 kΩ
Cb (pF)
0
400
300
100
200
002aab583
10
5
15
20
RPU
(k
Ω)
0
recommended
pull-up
rise time > 300 ns
Rmax = 16 kΩ


Similar Part No. - PCA9510A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9510AD NXP-PCA9510AD Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510ADP NXP-PCA9510ADP Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
More results

Similar Description - PCA9510A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com