Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

229P Datasheet(PDF) 2 Page - Littelfuse

Part No. 229P
Description  Axial Lead and Cartridge Fuses - Subminiature Glass Body
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

229P Datasheet(HTML) 2 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
400
www .littelfuse .com
2AG Slo-Blo® Fuse 229P/230P Series
Our standard 229P and 230P Series Slo-Blo® fuses meet the demanding
requirements of the Telecom industry. These Fuses combine
conventional overcurrent protection with the ability to withstand high cur-
rent, short duration pulses. These fuses comply with the short circuit
requirements of UL 1459 for telephone equipment. Insulating Sleeve
Option available. We have characterized these fuses for the Telecom
industry requirements as shown below.
ELECTRICAL CHARACTERISTICS:
Short Circuit Capabilities:
UL 60950 (UL 1459 Included):
60A,
600VAC
40A,
600VAC
7A,
600VAC
2.2A,
600VAC
• Meets UL 497 Specifications
PEAK WITHSTAND CURRENT (lp): These fuses will withstand 50
repetitions of a double exponential impulse wave having peak currents
(lp) and peak voltages as listed.
SURGE WITHSTAND SPECIFICATIONS
Cartridge
Axial Lead
10 x 160
10 x 560
10 x 1000
Catalog
Catalog
Ampere microsec.
microsec.
microsec.
Number
Number
Rating
1500V
800V
1000V
229.250P
230.250P
1/4
23.0A
16.6A
12.4A
229.350P
230.350P
.350
34.0A
25.8A
19.3A
229.375P
230.375P
3/8
40.0A
25.4A
19.0A
229.500P
230.500P
1/2
60.0A
37.7A
28.2A
229.600P
230.600P
6/10
71.0A
47.2A
35.3A
229.750P
230.750P
3/4
91.0A
65.5A
49.0A
229.800P
230.800P
8/10
104.0A
68.9A
51.6A
229 001P
230 001P
1
130.0A
88.6A
66.3A
229 1.25P
230 1.25P
11/41
162.0A
118.1A
100.0A
1 500A peak, 2500V, 2 x 10 microseconds, 20 repetitions.
The 2AG Indicating Slo-Blo® fuse instantly identifies itself upon
opening by showing a discoloration of its glass body. Guesswork
and time consuming circuit testing are eliminated. This unique
design offers the same quality performance characteristics as
the standard 2AG fuse design.
* When ordering the 2AG Indicating Slo-Blo Fuse, an ‘S’ is
required after the catalog number.
Example:
-1A Indicating Slo-Blo® Fuse = 230 001S
INDICATING SLO-BLO® FUSE
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz, 0.06 inches
total excursion).
Salt Spray: MIL-STD-202 Method 101, Test Condition B (48 hours).
Insulation Resistance (After Opening): MIL-STD-202, Method 302,
Test Condition B.
Resistance to Soldering Heat: (Axial Leaded Fuses):
MIL-STD-202, Method 210A, Test Condition B (260°C, 3 Seconds).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65°C to 125°C).
Moisture Resistance: MIL-STD-202, Method 106
(90-98% RH, 65°C).
Solderability: (Axial Leaded Fuses): MIL-STD-202,
Method 208.
PHYSICAL SPECIFICATIONS:
Materials: Glass Body, Nickel-Plated Brass Fuse Caps.
(Insulating sleeve option available).
SOLDERING PARAMETERS:
Wave solder — 500°F (260°C), 3 seconds Max.
Reflow solder — Not recommended.
2AG 229P/230P Series General Specifications
Subminiature Glass Body
Pb
RoHS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn