Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9210903HZX Datasheet(PDF) 4 Page - International Rectifier

Part # 5962-9210903HZX
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

5962-9210903HZX Datasheet(HTML) 4 Page - International Rectifier

  5962-9210903HZX Datasheet HTML 1Page - International Rectifier 5962-9210903HZX Datasheet HTML 2Page - International Rectifier 5962-9210903HZX Datasheet HTML 3Page - International Rectifier 5962-9210903HZX Datasheet HTML 4Page - International Rectifier 5962-9210903HZX Datasheet HTML 5Page - International Rectifier 5962-9210903HZX Datasheet HTML 6Page - International Rectifier 5962-9210903HZX Datasheet HTML 7Page - International Rectifier 5962-9210903HZX Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com
ATW28XXD Series
Specifications
Table II. Electrical Performance Characteristics
ATW2815D
For Notes to Specifications, refer to page 5
Test
Symbol
Conditions
-55°C
≤Tc ≤+125°C
Vin = 28 Vdc ±5%, C
L = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Output voltage
V
OUT
V
IN = 18, 28, and 40 Vdc
1
All
±14.85
±15.15
V
DC
I
OUT = 0
2,3
All
±14.70
±15.30
V
DC
Output current
11, 13
I
OUT
V
IN = 18, 28, and 40 V dc
1,2,3
All
0.200
2000
mA
DC
Output ripple voltage
8
V
RIP
V
IN = 18, 28, and 40 V dc,
B.W. = DC to MHz
1,2,3
All
85
mVp-p
Output Power
4, 11
P
OUT
V
IN = 18, 28, 40 Vdc
1,2,3
All
30
W
Line regulation
9, 10
VR
LINE
V
IN = 18, 28, and 40 V dc,
Iout = 0, 1000, and 2000mA
1
All
35
mV
2,3
All
75
mV
Load regulation
9, 10
VR
LOAD
V
IN = 18, 28, and 40 V dc,
I
OUT = 0, 1000, and 2000mA
1,2,3
All
150
mV
Input current
I
IN
I
OUT = 0, inhibit (pin 8)
1,2,3
All
12
mADC
I
OUT = 0, inhibit (pin 8) = open
1,2,3
All
30
mADC
Input ripple current
I
RIP
I
OUT = 2000mA
1,2,3
All
60
mAp-p
Efficiency
E
FF
I
OUT = 2500mA TC = 25°C
1
All
80
%
Isolation
ISO
Input to output or any pin
to case (except pin 8) at
500V dc Tc = 25°C
1
All
100
M
Capacitive load
6, 12
C
L
No effect on dc performance,
Tc = 25°C
4
All
500
µF
Power dissipation
load fault
P
D
Overload, T
C = +25°C
3
1
All
9
W
Short circuit, T
C = +25°C
1
All
9
W
Switching frequency
F
S
I
OUT = 2000mA
1,2,3
01
237
263
KHz
1,2,3
02
230
245
KHz
1,2,3
03
250
265
KHz
Output response to step
transient
load changes
7, 9, 10
VO
TLOAD
50% load to/from 100% load
4,5,6
All
-300
+300
mV pk
No load to 100% load
4,5,6
All
-800
-800
mV pk
100% load to no load
4,5,6
All
+800
+800
mV pk
Recovery time step
transient load changes
1, 7
TT
LOAD
50% load to/from 100% load
4,5,6
All
25
µs
No load to 50% load
4,5,6
All
500
µs
50% load to no load
4,5,6
All
7
ms
Input Voltage
-0.5V to 50V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating -55°C to +125°C
Storage
-65°C to +135°C
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - 5962-9210903HZX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
5962-9211101 IRF-5962-9211101 Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
logo
Analog Devices
5962-9211701M2A AD-5962-9211701M2A Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
5962-9211701M2A AD-5962-9211701M2A Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
5962-9211701M2A AD-5962-9211701M2A Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
5962-9211701MPA AD-5962-9211701MPA Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
More results

Similar Description - 5962-9210903HZX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com