Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW30N60T Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IKW30N60T
Description  Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW30N60T Datasheet(HTML) 1 Page - Infineon Technologies AG

  IKW30N60T Datasheet HTML 1Page - Infineon Technologies AG IKW30N60T Datasheet HTML 2Page - Infineon Technologies AG IKW30N60T Datasheet HTML 3Page - Infineon Technologies AG IKW30N60T Datasheet HTML 4Page - Infineon Technologies AG IKW30N60T Datasheet HTML 5Page - Infineon Technologies AG IKW30N60T Datasheet HTML 6Page - Infineon Technologies AG IKW30N60T Datasheet HTML 7Page - Infineon Technologies AG IKW30N60T Datasheet HTML 8Page - Infineon Technologies AG IKW30N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IKW30N60T
TrenchStop Series
q
Power Semiconductors
1
Rev. 2.1 Dev-04
Low Loss DuoPack : IGBT in Trench and Fieldstop technology
with soft, fast recovery anti-parallel EmCon HE diode
Very low VCE(sat) 1.5 V (typ.)
Maximum Junction Temperature 175 °C
Short circuit withstand time – 5
µs
Designed for :
- Frequency Converters
- Uninterruptible Power Supply
Trench and Fieldstop technology for 600 V applications offers :
- very tight parameter distribution
- high ruggedness, temperature stable behavior
- very high switching speed
- low VCE(sat)
Positive temperature coefficient in VCE(sat)
Low EMI
Low Gate Charge
Very soft, fast recovery anti-parallel EmCon HE diode
Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
VCE(sat),Tj=25°C
Tj,max
Marking Code
Package
Ordering Code
IKW30N60T
600V
30A
1.5V
175
°C
K30T60
TO-247
Q67040S4717
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
600
V
DC collector current, limited by Tjmax
TC = 25
°C
TC = 100
°C
IC
60
30
Pulsed collector current, tp limited by Tjmax
ICpuls
90
Turn off safe operating area (VCE
≤ 600V, Tj ≤ 175°C)
-
90
Diode forward current, limited by Tjmax
TC = 25
°C
TC = 100
°C
IF
60
30
Diode pulsed current, tp limited by Tjmax
IFpuls
90
A
Gate-emitter voltage
VGE
±20
V
Short circuit withstand time
1)
VGE = 15V, VCC
≤ 400V, Tj ≤ 150°C
tSC
5
µs
Power dissipation TC = 25
°C
Ptot
187
W
Operating junction temperature
Tj
-40...+175
Storage temperature
Tstg
-55...+175
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
-
260
°C
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
G
C
E
P-TO-247-3-1
(TO-220AC)


Similar Part No. - IKW30N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW30N60T INFINEON-IKW30N60T Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
IKW30N60TA INFINEON-IKW30N60TA Datasheet
671Kb / 14P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
IKW30N60T INFINEON-IKW30N60T_15 Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
More results

Similar Description - IKW30N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKA06N60T INFINEON-IKA06N60T Datasheet
354Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
logo
List of Unclassifed Man...
IKB06N60T ETC-IKB06N60T Datasheet
371Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com