Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HC4316 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74HC4316
Description  Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74HC4316 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74HC4316
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Limit*
25
_C
Unit
BW
Maximum On–Channel Bandwidth or
Minimum Frequency Response
(Figure 5)
fin = 1 MHz Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VOS
Increase fin Frequency Until dB Meter
Reads – 3 dB
RL = 50 Ω, CL = 10 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
150
160
160
MHz
Off–Channel Feedthrough Isolation
(Figure 6)
fin  Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 Ω, CL = 50 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
– 50
– 50
– 50
dB
fin = 1.0 MHz, RL = 50 Ω, CL = 10 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
– 40
– 40
– 40
Feedthrough Noise, Control to
Switch
(Figure 7)
Vin v 1 MHz Square Wave (tr = tf = 6 ns)
Adjust RL at Setup so that IS = 0 A
RL = 600 Ω, CL = 50 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
60
130
200
mVPP
RL = 10 kΩ, CL = 10 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
30
65
100
Crosstalk Between Any Two
Switches
(Figure 12)
fin  Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 Ω, CL = 50 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
– 70
– 70
– 70
dB
fin = 1.0 MHz, RL = 50 Ω, CL = 10 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
– 80
– 80
– 80
THD
Total Harmonic Distortion
(Figure 14)
fin = 1 kHz, RL = 10 kΩ, CL = 50 pF
THD = THDMeasured – THDSource
VIS = 4.0 VPP sine wave
VIS = 8.0 VPP sine wave
VIS = 11.0 VPP sine wave
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
0.10
0.06
0.04
%
* Limits not tested. Determined by design and verified by qualification.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn