Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5NLE-175E Datasheet(PDF) 5 Page - Littelfuse

Part # 5NLE-175E
Description  E Rated Medium Voltage Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5NLE-175E Datasheet(HTML) 5 Page - Littelfuse

  5NLE-175E Datasheet HTML 1Page - Littelfuse 5NLE-175E Datasheet HTML 2Page - Littelfuse 5NLE-175E Datasheet HTML 3Page - Littelfuse 5NLE-175E Datasheet HTML 4Page - Littelfuse 5NLE-175E Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
71
E Rated Medium Voltage Fuses
Current Limiting
Catalog
Number
10E-1CL-15.5
15E-1CL-15.5
20E-1CL-15.5
25E-1CL-15.5
30E-1CL-15.5
40E-1CL-15.5
50E-1CL-15.5
65E-1CL-15.5
80E-1CL-15.5
100E-1CL-15.5
125E-2CL-15.5
150E-3CL-15.5
175E-3CL-15.5
200E-3CL-15.5
225E-3CL-15.5
250E-3CL-15.5
300E-3CL-15.5
Catalog
Number
10E-1CL-5.5
15E-1CL-5.5
20E-1C-5.5
25E-1CL-5.5
30E-1CL-5.5
40E-1CL-5.5
50E-1CL-5.5
65E-1CL-5.5
80E-1CL-5.5
100E-1CL-5.5
125E-1CL-5.5
150E-1CL-5.5
225E-2CL-5.5
250E-2CL-5.5
300E-2CL-5.5
350E-2CL-5.5
400E-2CL-5.5
450E-2CL-5.5
500E-3CL-5.5
550E-3CL-5.5
600E-3CL-5.5
Catalog
Number
10E-1CL-8.25
15E-1CL-8.25
20E-1C-8.25
25E-1CL-8.25
30E-1CL-8.25
40E-1CL-8.25
50E-1CL-8.25
65E-1CL-8.25
80E-1CL-8.25
100E-1CL-8.25
125E-2CL-8.25
150E-2CL-8.25
175E-2CL-8.25
200E-2CL-8.25
225E-2CL-8.25
250E-2CL-8.25
300E-2CL-8.25
350E-3CL-8.25
4.75
7.94
11.56
1.25
A
B
1.25
.25
3.0
Clip Lock Design
The clip lock type designs ensures a positive contact between
the fuse and the connection cam. The fuse’s clip lock tab slides
in between the clip casting and the cam to prevent the fuse from
slipping or blowing out of the holder. This positive contact
improves heat dissipation and allows fuses to run cooler.
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
175E
200E
225E
250E
300E
350E
Dim. A
(inches)
17.38"
17.38"
17.38"
Dim. B
(inches)
16.13"
16.13"
16.13"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
18
18
18
18
18
18
18
19
E
RATED
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
225E
250E
300E
350E
400E
450E
500E
550E
600E
Dim. A
(inches)
16.38"
17.38"
17.38"
Dim. B
(inches)
15.13"
16.13"
16.13"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
17
17
18
18
18
18
18
18
19
19
19
E
RATED
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125
150E
175E
200E
225E
250E
300E
Dim. A
(inches)
19.8"
22.81"
22.81"
22.81"
Dim. B
(inches)
18.1"
21.13"
19.1"
19.1"
Max
Interrupting
Rating
RMS (Asym)
60,000
60,000
60,000
60,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
18
19
19
19
19
19
19
E
RATED
FIGURE 17
FIGURE 18
FIGURE 19


Similar Part No. - 5NLE-175E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5NLE-175E LITTELFUSE-5NLE-175E Datasheet
346Kb / 12P
   Medium Voltage Fuses
More results

Similar Description - 5NLE-175E

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JCI-3E COOPER-JCI-3E Datasheet
100Kb / 2P
   E-Rated Medium Voltage Fuses for Potential Small Power Trans.
logo
Littelfuse
3E-4PT-6 LITTELFUSE-3E-4PT-6 Datasheet
348Kb / 1P
   E Rated Potential Transformer Fuses
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com